データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD2200TV データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FOD2200TV
部品情報  LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2200TV データシート(HTML) 5 Page - Fairchild Semiconductor

  FOD2200TV Datasheet HTML 1Page - Fairchild Semiconductor FOD2200TV Datasheet HTML 2Page - Fairchild Semiconductor FOD2200TV Datasheet HTML 3Page - Fairchild Semiconductor FOD2200TV Datasheet HTML 4Page - Fairchild Semiconductor FOD2200TV Datasheet HTML 5Page - Fairchild Semiconductor FOD2200TV Datasheet HTML 6Page - Fairchild Semiconductor FOD2200TV Datasheet HTML 7Page - Fairchild Semiconductor FOD2200TV Datasheet HTML 8Page - Fairchild Semiconductor FOD2200TV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
7/7/04
Page 5 of 14
© 2004 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
LOGIC GATE OPTOCOUPLERS
FOD2200
1. The VCC supply to each optoisolator must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic or solid
tantalum capacitor with good high frequency characteristic and should be connected as close as possible to the package VCC
and GND pins of each device.
2. tPLH - Propagation delay is measured from the 50% level on the LOW to HIGH transition of the input current pulse to the
1.3V level on the LOW to HIGH transition of the output voltage pulse.
3. tPHL - Propagation delay is measured from the 50% level on the HIGH to LOW transition of the input current pulse to the 1.3V
level on the HIGH to LOW transition of the output voltage pulse.
4. When the peaking capacitor is omitted, propagation delay times may increase by 100 ns.
5. tr - Rise time is measured from the 10% to the 90% levels on the LOW to HIGH transition of the output pulse.
6. tf - Fall time is measured from the 90% to the 10% levels on the HIGH to LOW transition of the output pulse.
7. CMH - The maximum tolerable rate of fall of the common mode voltage to ensure the output will remain in the high state (i.e.,
VOUT > 2.0 V).
8. CML - The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the low state (i.e.,
VOUT < 0.8 V).
9. Device considered a two-terminal device: Pins 1,2,3 and 4 shorted together, and Pins 5,6,7 and 8 shorted together.
10. Duration of output short circuit time should not exceed 10 ms.
NOTES


同様の部品番号 - FOD2200TV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD2200TV FAIRCHILD-FOD2200TV Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
More results

同様の説明 - FOD2200TV

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2200 AVAGO-HCPL-2200 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com