データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC81070100A データシート(PDF) 4 Page - Taoglas antenna solutions

部品番号 PC81070100A
部品情報  TheStripe 868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC81070100A データシート(HTML) 4 Page - Taoglas antenna solutions

  PC81070100A Datasheet HTML 1Page - Taoglas antenna solutions PC81070100A Datasheet HTML 2Page - Taoglas antenna solutions PC81070100A Datasheet HTML 3Page - Taoglas antenna solutions PC81070100A Datasheet HTML 4Page - Taoglas antenna solutions PC81070100A Datasheet HTML 5Page - Taoglas antenna solutions PC81070100A Datasheet HTML 6Page - Taoglas antenna solutions PC81070100A Datasheet HTML 7Page - Taoglas antenna solutions PC81070100A Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPE-12-8-85/B/SS
Page 4 of 8
4. Antenna Test Setup and Results
4.1 Equipment
500 cm
HORN
Standard Antenna
8720 C
Network Analyzer
Rotator
Controller
Radiation Pattern Testing - Anechoic
Chamber
DUT Antenna


同様の部品番号 - PC81070100A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
PC81070100A ETC2-PC81070100A Datasheet
490Kb / 7P
   868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector foam attachment for assembly
More results

同様の説明 - PC81070100A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
PC81070100A ETC2-PC81070100A Datasheet
490Kb / 7P
   868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector foam attachment for assembly
PC91070100A ETC2-PC91070100A Datasheet
484Kb / 8P
   915Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector with foam attachment for assembly
PC24070100A ETC2-PC24070100A Datasheet
404Kb / 7P
   850/900/1800/1900MHz GSM PCB Antenna 100mm 1.13mm IPEX MHF connector
logo
Molex Electronics Ltd.
0897624490 MOLEX11-0897624490 Datasheet
68Kb / 1P
   TNC-to-IPEX(MHF) Cable Assembly, 1.13mm Cable Diameter, Length 177.0mm
logo
Pulse A Technitrol Comp...
W3329 PULSE-W3329 Datasheet
1Mb / 13P
   : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
Taoglas antenna solutio...
PC11.07.0100A TAOGLAS-PC11.07.0100A Datasheet
320Kb / 10P
   IPEX MHF Connector
logo
List of Unclassifed Man...
FXP400070100A ETC2-FXP400070100A Datasheet
1Mb / 18P
   High Efficiency Ultra Wide-Band Antenna with 100mm 1.13 cable IPEX MHF(U.FL)
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
logo
Taoglas antenna solutio...
FXP07070100A TAOGLAS-FXP07070100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna, 100mm 횠1.13 cable, IPEX connector
PC91070100A TAOGLAS-PC91070100A Datasheet
905Kb / 11P
   Thestripe 915Mhz PCB Antenna
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com