データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0731 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 HCPL-0731
部品情報  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0731 データシート(HTML) 2 Page - Fairchild Semiconductor

  HCPL-0731 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
12/11/03
Page 2 of 12
© 2003 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Units
Storage Temperature
TSTG
-40 to +125
°C
Operating Temperature
TOPR
-40 to +85
°C
Reflow Temperature Profile (Refer to fig. 11)
EMITTER
DC/Average Forward Input Current
IF (avg)
20
mA
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
IF (pk)
40
mA
Peak Transient Input Current - (
≤1 µs P.W., 300 pps)
IF (trans)
1.0
A
Reverse Input Voltage
VR
5V
Input Power Dissipation
PD
35
mW
DETECTOR
Average Output Current (Pin 6)
IO (avg)
60
mA
Emitter-Base Reverse Voltage
HCPL-0700/HCPL-0701
VEBR
0.5
V
Supply Voltage, Output Voltage
HCPL-0700/HCPL-0730
VCC, VO
-0.5 to 7
V
HCPL-0701/HCPL-0731
-0.5 to 18
Output power dissipation
PD
100
mW
ELECTRICAL CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
IF = 1.6mA
TA = 25°C
VF
HCLP-0700/01
1.0
1.25
1.7
V
Input Forward Voltage
HCLP-0730/31
1.35
All
1.75
Input Reverse Breakdown
Voltage
(TA =25°C, IR = 10 µA)
BVR
All
5.0
DETECTOR
Logic high output
current
(IF = 0 mA, VO = VCC = 18 V)
IOH
HCPL-0701/31
0.01
100
µA
(IF = 0 mA, VO = VCC = 7 V)
HCPL-0700/30
0.01
250
Logic Low Supply
Current
IF = 1.6 mA, VO = Open, VCC = 18V
ICCL
HCPL-0700/01
0.4
1.5
mA
IF1 = IF2 = 1.6mA
VCC = 7V
HCPL-0730
0.8
3
VO1 = VO2 = Open VCC = 18 V
HCPL-0731
1
Logic High
Supply Current
IF = 0 mA, VO = Open, VCC = 18V
ICCH
HCPL-0700/01
10
µA
IF1 = IF2 = 0,
VCC = 7V
HCPL-0730
0.001
20
VO1 = VO2 = Open, VCC = 18 V
HCPL-0731
0.01


同様の部品番号 - HCPL-0731

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL-0731 FAIRCHILD-HCPL-0731 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0731 HP-HCPL-0731 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0731 FAIRCHILD-HCPL-0731 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0731 AVAGO-HCPL-0731 Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
More results

同様の説明 - HCPL-0731

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com