データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMDJ-28G-29 データシート(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 SMDJ-28G-29
部品情報  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMDJ-28G-29 データシート(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMDJ-28G-29 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ-28G-29 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ-28G-29 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ-28G-29 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMBIENT TEMPERATURE , (℃)
AVERAGE FORWARD CURRENT, (A)
0
100
1
300
25
100
100
120
150
0
0
6.5
1
100
70
6.5
10000
1.7
##
0
5
450
0
0
3500
150
0.2
100
5
450
0.5
76
2200
70
1
50
5
400
1.5
33
2100
23
2
23
5
400
3
13
1800
21
4
10
Fig. 5 - Pulse Waveform
Fig. 6 - Typical Junction Capacitance
Ratings and Characteristics Curves (TA=25℃ unless otherwise noted)
Fig. 1 - Pulse Derating Curve
Fig. 2 - Maximum Non-Repetitive
Surge Current
Fig. 3 - Steady State Power Derating Curve
Fig. 4 - Peak Pulse Power Rating Curve
1
10
100
1000
10000
100000
1
10
100
1000
Reverse Breakdown Voltage,VBR (V)
Uni-directional @VRWM
Bi-directional @VRWM
TJ=25 °C
f=1.0MHz
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL (℃)
100
150
200
250
300
1
10
100
Number of Cycles at 60 Hz
TJ = TJ max.
8.3 ms Single Half Sine-Wave
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,TA (℃)
0
50
100
0
1
2
3
4
Time , (ms)
TJ = 25 °C
Pulse Width (td) is defined as the
point where the peak current
decays to 50 % of Ipp
10/1000 μsec. Waveform
as defined by R.E.A.
Peak Value
(Ipp)
Half Value = Ipp
2
td
Tr=10μs
Bi-directional
@zero bias
Uni-directional
@zero bias
0.1
1
10
100
1
10
100
1000
10000
Pulse Width ,td (μs)
SMDJ Series
Surface Mount
Transient Voltage Suppressors
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70301-P1


同様の部品番号 - SMDJ-28G-29

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
SMDJ-65608EV-30SB ATMEL-SMDJ-65608EV-30SB Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
SMDJ-65608EV-45SB ATMEL-SMDJ-65608EV-45SB Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
SMDJ-65609EV-40/8831 ATMEL-SMDJ-65609EV-40/8831 Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
UN Semiconducctor INC
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
   3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Shanghai Yint Electroni...
SMDJ-H YINT-SMDJ-H Datasheet
1Mb / 5P
   Automotive and High Reliability TVS Diodes
More results

同様の説明 - SMDJ-28G-29

メーカー部品番号データシート部品情報
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com