データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMDJ-28G-29 データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 SMDJ-28G-29
部品情報  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMDJ-28G-29 データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMDJ-28G-29 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ-28G-29 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ-28G-29 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ-28G-29 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Working Voltage: 5.0 to 440 V
Peak Pulse Power: 3000 W
Note:
(3)VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
(1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
(2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
Maximum instantaneous forward voltage at 100A for
unidirectional only(3)
VF
3.5/5.0
V
Operating junction and storage temperature range
TJ, TSTG
55 to +150
°C
Power dissipation on infinite heatsink at TL = 75 °C
PD
6.5
W
Peak forward surge current, 8.3 ms single half sine-
wave unidirectional only(2)
IFSM
300
A
Peak power dissipation with a 10/1000μs waveform(1)
PPP
3000
W
Peak pulse current wih a 10/1000μs waveform(1)
IPP
See Next Table
A
except Bipolar
Mounting position: Any
Maximum Ratings(TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
UNIT
Lead: Solderable per MIL-STD-750, method
2026
Polarity: Color band denotes cathode end
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
3000 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle):0.01 %
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
RoHS compliant
SMDJ Series
Surface Mount
Transient Voltage Suppressors
Features
SMC/ DO-214AB
Glass passivated chip
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70301-P1


同様の部品番号 - SMDJ-28G-29

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
SMDJ-65608EV-30SB ATMEL-SMDJ-65608EV-30SB Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
SMDJ-65608EV-45SB ATMEL-SMDJ-65608EV-45SB Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
SMDJ-65609EV-40/8831 ATMEL-SMDJ-65609EV-40/8831 Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
UN Semiconducctor INC
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
   3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Shanghai Yint Electroni...
SMDJ-H YINT-SMDJ-H Datasheet
1Mb / 5P
   Automotive and High Reliability TVS Diodes
More results

同様の説明 - SMDJ-28G-29

メーカー部品番号データシート部品情報
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com