データシートサーチシステム |
|
HCPL-0731R1 データシート(PDF) 2 Page - Fairchild Semiconductor |
|
HCPL-0731R1 データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 12 page 12/11/03 Page 2 of 12 © 2003 Fairchild Semiconductor Corporation LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS SINGLE CHANNEL: HCPL-0700 HCPL-0701 DUAL CHANNEL: HCPL-0730 HCPL-0731 ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified) Parameter Symbol Value Units Storage Temperature TSTG -40 to +125 °C Operating Temperature TOPR -40 to +85 °C Reflow Temperature Profile (Refer to fig. 11) EMITTER DC/Average Forward Input Current IF (avg) 20 mA Peak Forward Input Current (50% duty cycle, 1 ms P.W.) IF (pk) 40 mA Peak Transient Input Current - ( ≤1 µs P.W., 300 pps) IF (trans) 1.0 A Reverse Input Voltage VR 5V Input Power Dissipation PD 35 mW DETECTOR Average Output Current (Pin 6) IO (avg) 60 mA Emitter-Base Reverse Voltage HCPL-0700/HCPL-0701 VEBR 0.5 V Supply Voltage, Output Voltage HCPL-0700/HCPL-0730 VCC, VO -0.5 to 7 V HCPL-0701/HCPL-0731 -0.5 to 18 Output power dissipation PD 100 mW ELECTRICAL CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified) INDIVIDUAL COMPONENT CHARACTERISTICS Parameter Test Conditions Symbol Device Min Typ** Max Unit EMITTER IF = 1.6mA TA = 25°C VF HCLP-0700/01 1.0 1.25 1.7 V Input Forward Voltage HCLP-0730/31 1.35 All 1.75 Input Reverse Breakdown Voltage (TA =25°C, IR = 10 µA) BVR All 5.0 DETECTOR Logic high output current (IF = 0 mA, VO = VCC = 18 V) IOH HCPL-0701/31 0.01 100 µA (IF = 0 mA, VO = VCC = 7 V) HCPL-0700/30 0.01 250 Logic Low Supply Current IF = 1.6 mA, VO = Open, VCC = 18V ICCL HCPL-0700/01 0.4 1.5 mA IF1 = IF2 = 1.6mA VCC = 7V HCPL-0730 0.8 3 VO1 = VO2 = Open VCC = 18 V HCPL-0731 1 Logic High Supply Current IF = 0 mA, VO = Open, VCC = 18V ICCH HCPL-0700/01 10 µA IF1 = IF2 = 0, VCC = 7V HCPL-0730 0.001 20 VO1 = VO2 = Open, VCC = 18 V HCPL-0731 0.01 |
同様の部品番号 - HCPL-0731R1 |
|
同様の説明 - HCPL-0731R1 |