データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10-MIL データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10-MIL
部品情報  Operational Amplifier and Voltage Reference
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10-MIL データシート(HTML) 1 Page - Texas Instruments

  LM10-MIL Datasheet HTML 1Page - Texas Instruments LM10-MIL Datasheet HTML 2Page - Texas Instruments LM10-MIL Datasheet HTML 3Page - Texas Instruments LM10-MIL Datasheet HTML 4Page - Texas Instruments LM10-MIL Datasheet HTML 5Page - Texas Instruments LM10-MIL Datasheet HTML 6Page - Texas Instruments LM10-MIL Datasheet HTML 7Page - Texas Instruments LM10-MIL Datasheet HTML 8Page - Texas Instruments LM10-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM10-MIL
SNOSD68 – JUNE 2017
LM10-MIL Operational Amplifier and Voltage Reference
1
1 Features
1
Input Offset Voltage: 2 mV (Maximum)
Input Offset Current: 0.7 nA (Maximum)
Input Bias Current: 20 nA (Maximum)
Reference Regulation: 0.1% (Maximum)
Offset Voltage Drift: 2 μV/°C
Reference Drift: 0.002%/°C
2 Applications
Remote Amplifiers
Battery-Level Indicators
Thermocouple Transmitters
Voltage and Current regulators
3 Description
The LM10-MIL is a monolithic linear IC consisting of a
precision reference, an adjustable reference buffer,
and
an
independent,
high-quality
operational
amplifier.
The unit can operate from a total supply voltage as
low as 1.1 V or as high as 40 V, drawing only 270 μA.
A complementary output stage swings within 15 mV
of the supply terminals or will deliver ±20-mA output
current with ±0.4-V saturation. Reference output can
be as low as 200 mV.
The circuit is recommended for portable equipment
and is completely specified for operation from a
single power cell. In contrast, high output-drive
capability, both voltage and current, along with
thermal overload protection, suggest it in demanding
general-purpose applications.
The device is capable of operating in a floating mode,
independent of fixed supplies. It can function as a
remote comparator, signal conditioner, SCR controller
or transmitter for analog signals, delivering the
processed signal on the same line used to supply
power. It is also suited for operation in a wide range
of voltage and current regulator applications, from low
voltages to several hundred volts, providing greater
precision than existing ICs.
This series is available in the three standard
temperature ranges, with the commercial part having
relaxed limits. In addition, a low-voltage specification
(suffix L) is available in the limited temperature
ranges at a cost savings.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM10-MIL
SOIC (14)
8.992 mm × 7.498 mm
SDIP (8)
8.255 mm × 8.255 mm
PDIP (8)
9.81 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Operational Amplifier Schematic
(Pin numbers are for 8-pin packages)


同様の部品番号 - LM10-MIL

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Cynergy3 Co
LM10 CYNERGY3-LM10 Datasheet
300Kb / 1P
   switch for turbulent liquids & confined spaces
logo
Texas Instruments
LM10 TI-LM10 Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
More results

同様の説明 - LM10-MIL

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com