データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM350AT データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM350AT
部品情報  3-Amp Adjustable Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM350AT データシート(HTML) 3 Page - Texas Instruments

  LM350AT Datasheet HTML 1Page - Texas Instruments LM350AT Datasheet HTML 2Page - Texas Instruments LM350AT Datasheet HTML 3Page - Texas Instruments LM350AT Datasheet HTML 4Page - Texas Instruments LM350AT Datasheet HTML 5Page - Texas Instruments LM350AT Datasheet HTML 6Page - Texas Instruments LM350AT Datasheet HTML 7Page - Texas Instruments LM350AT Datasheet HTML 8Page - Texas Instruments LM350AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM150, LM350-N, LM350A
www.ti.com
SNVS772B – MAY 1998 – REVISED MARCH 2013
Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN − VOUT = 5V, and IOUT = 10 mA.
(1)
LM350A
LM350
Units
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
IOUT = 10 mA, TJ = 25°C
1.238
1.250
1.262
V
Reference Voltage
3V
≤ (VIN − VOUT) ≤ 35V,
1.225
1.250
1.270
1.20
1.25
1.30
V
10 mA
≤ IOUT ≤ 3A, P ≤ 30W
0.005
0.01
0.005
0.03
%/V
Line Regulation
3V
≤ (VIN − VOUT) ≤ 35V
(2)
0.02
0.05
0.02
0.07
%/V
0.1
0.3
0.1
0.5
%
Load Regulation
10 mA
≤ IOUT ≤ 3A
(2)
0.3
1
0.3
1.5
%
Thermal Regulation
20 ms Pulse
0.002
0.01
0.002
0.03
%/W
Adjustment Pin Current
50
100
50
100
μA
Adjustment Pin Current Change
10 mA
≤ IOUT ≤ 3A, 3V ≤ (VIN − VOUT) ≤ 35V
0.2
5
0.2
5
μA
Temperature Stability
TMIN ≤ TJ ≤ TMAX
1
1
%
Minimum Load Current
VIN − VOUT = 35V
3.5
10
3.5
10
mA
VIN − VOUT ≤ 10V
3.0
4.5
3.0
4.5
A
Current Limit
VIN − VOUT = 30V
0.3
1
0.25
1
A
RMS Output Noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.001
0.001
%
VOUT = 10V, f = 120 Hz, CADJ = 0 μF
65
65
dB
Ripple Rejection Ratio
VOUT = 10V, f = 120 Hz, CADJ = 10 μF
66
86
66
86
dB
Long-Term Stability
TJ = 125°C, 1000 hrs
0.25
1
0.25
1
%
NDS Package
1.2
1.5
°C/W
Thermal Resistance, Junction to
Case
NDE Package
3
4
3
4
°C/W
NDS Package
35
°C/W
Thermal Resistance, Junction to
Ambient (No Heat Sink)
NDE Package
50
50
°C/W
(1)
These specifications are applicable for power dissipations up to 30W for the TO-3 (NDS) package and 25W for the TO-220 (NDE)
package. Power dissipation is ensured at these values up to 15V input-output differential. Above 15V differential, power dissipation will
be limited by internal protection circuitry. All limits (i.e., the numbers in the Min. and Max. columns) are ensured to AOQL (Average
Outgoing Quality Level).
(2)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM150 LM350-N LM350A


同様の部品番号 - LM350AT

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM350AT NSC-LM350AT Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM350AT TI1-LM350AT Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM350AT/NOPB TI1-LM350AT/NOPB Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
More results

同様の説明 - LM350AT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
LM350-N TI-LM350-N Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com