データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM350T データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM350T
部品情報  3-Amp Adjustable Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM350T データシート(HTML) 11 Page - Texas Instruments

Back Button LM350T Datasheet HTML 7Page - Texas Instruments LM350T Datasheet HTML 8Page - Texas Instruments LM350T Datasheet HTML 9Page - Texas Instruments LM350T Datasheet HTML 10Page - Texas Instruments LM350T Datasheet HTML 11Page - Texas Instruments LM350T Datasheet HTML 12Page - Texas Instruments LM350T Datasheet HTML 13Page - Texas Instruments LM350T Datasheet HTML 14Page - Texas Instruments LM350T Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LM150, LM350-N, LM350A
www.ti.com
SNVS772B – MAY 1998 – REVISED MARCH 2013
*Minimum load current 50 mA
Figure 26. 10A Regulator
*Min output
≈ 1.2V
Figure 27. 5V Logic Regulator with Electronic Shutdown*
Full output current not available at high input-output voltages
Figure 28. 0 to 30V Regulator
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM150 LM350-N LM350A


同様の部品番号 - LM350T

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM350T NSC-LM350T Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Motorola, Inc
LM350T MOTOROLA-LM350T Datasheet
172Kb / 12P
   THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM350T FAIRCHILD-LM350T Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
ON Semiconductor
LM350T ONSEMI-LM350T Datasheet
115Kb / 10P
   3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
logo
Fairchild Semiconductor
LM350T FAIRCHILD-LM350T Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
More results

同様の説明 - LM350T

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
LM350-N TI-LM350-N Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com