データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM556-MIL データシート(PDF) 4 Page - Texas Instruments

部品番号 LM556-MIL
部品情報  LM556-MIL Dual Timer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM556-MIL データシート(HTML) 4 Page - Texas Instruments

  LM556-MIL Datasheet HTML 1Page - Texas Instruments LM556-MIL Datasheet HTML 2Page - Texas Instruments LM556-MIL Datasheet HTML 3Page - Texas Instruments LM556-MIL Datasheet HTML 4Page - Texas Instruments LM556-MIL Datasheet HTML 5Page - Texas Instruments LM556-MIL Datasheet HTML 6Page - Texas Instruments LM556-MIL Datasheet HTML 7Page - Texas Instruments LM556-MIL Datasheet HTML 8Page - Texas Instruments LM556-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
LM556-MIL
SNAS746 – JUNE 2017
www.ti.com
Product Folder Links: LM556-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability
and specifications.
(3)
For operating at elevated temperatures the device must be derated based on a 150°C maximum junction temperature and a thermal
resistance of 77°C/W (Plastic Dip), and 110°C/W (SO-14 Narrow).
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage
18
V
Power dissipation(3)
LM556CM
410
mW
LM556CN
1620
Operating temperature, LM556C
0
70
°C
Soldering information
PDIP package soldering (10 seconds)
260
°C
SOIC package vapor phase (60 seconds)
215
SOIC package infrared (15 seconds)
220
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
4.5
16
V
TA
Operating free-air temperature
0
70
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM556-MIL
UNIT
D (SOIC)
NFF (PDIP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
85.3
48.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45.8
34.9
°C/W
RθJB
Junction-to-board thermal resistance
39.6
27.9
°C/W
ψJT
Junction-to-top characterization parameter
11.7
19.3
°C/W
ψJB
Junction-to-board characterization parameter
39.4
27.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W


同様の部品番号 - LM556-MIL

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
   Dual Timer
logo
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
   Dual Timer
logo
Texas Instruments
LM556 TI-LM556 Datasheet
235Kb / 10P
[Old version datasheet]   LM556 Dual Timer
LM556 TI-LM556 Datasheet
235Kb / 10P
[Old version datasheet]   LM556 Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556 Datasheet
109Kb / 3P
   LINEAR INTEGRATED CIRCUIT
More results

同様の説明 - LM556-MIL

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM556CN TI-LM556CN Datasheet
235Kb / 10P
[Old version datasheet]   LM556 Dual Timer
NE556V TI-NE556V Datasheet
235Kb / 10P
[Old version datasheet]   LM556 Dual Timer
LM555-MIL TI1-LM555-MIL Datasheet
561Kb / 18P
[Old version datasheet]   LM555-MIL Timer
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
   Dual Timer
logo
Fairchild Semiconductor
KA556 FAIRCHILD-KA556 Datasheet
44Kb / 8P
   Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
   DUAL TIMER
logo
Texas Instruments
LM556 TI1-LM556_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
logo
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
   DUAL TIMER
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
   Dual timer
August 31, 1994
logo
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
   Dual Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com