データシートサーチシステム |
|
LMH6644-MIL データシート(PDF) 8 Page - Texas Instruments |
|
|
LMH6644-MIL データシート(HTML) 8 Page - Texas Instruments |
8 / 28 page 8 LMH6644-MIL SNOSD65 – JUNE 2017 www.ti.com Product Folder Links: LMH6644-MIL Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated (1) All limits are ensured by testing or statistical analysis. (2) Typical values represent the most likely parametric norm. (3) Slew rate is the average of the rising and falling slew rates. (4) Offset voltage average drift determined by dividing the change in VOS at temperature extremes by the total temperature change. (5) Positive current corresponds to current flowing into the device. 7.6 5-V Electrical Characteristics Unless otherwise specified, all limits ensured for V + = 5 V, V– = 0 V, V CM = VO = V +/2, V ID (input differential voltage) as noted (where applicable) and RL = 2 kΩ to V +/2 PARAMETER TEST CONDITIONS AT TEMPERATURE EXTREMES V+ = 5 V, V– = 0 V, VCM = VO = V +/2, V ID RL = 2 kΩ to V +/2 UNIT MIN TYP MAX MIN(1) TYP(2) MAX(1) BW –3-dB BW AV = +1, VOUT = 200mVPP 90 120 MHz AV = +2, –1, VOUT = 200mVPP 46 BW0.1dB 0.1-dB gain flatness AV = +2, RL = 150Ω to V+/2, Rf = 402Ω, VOUT = 200mVPP 15 MHz PBW Full power bandwidth AV = +1, –1dB, VOUT = 2VPP 22 MHz en Input-referred voltage noise f = 100kHz 17 nV/ √Hz f = 1kHz 48 in Input-referred current noise f = 100kHz 0.90 pA/ √Hz f = 1kHz 3.3 THD Total harmonic distortion f = 5MHz, VO = 2VPP, AV = +2 –60 dBc DG Differential gain NTSC, AV = +2 RL =150Ω to V +/2 0.16% RL = 1kΩ to V +/2 0.05% DP Differential phase NTSC, AV = +2 RL = 150Ω to V +/2 0.05 deg RL = 1kΩ to V +/2 0.01 CT Rej. Cross-talk rejection f = 5MHz, receiver: Rf = Rg = 510Ω, AV = +2 47 dB TS Settling time VO = 2VPP, ±0.1%, 8pF Load 68 ns SR Slew rate (3) AV = –1, VI = 2VPP 95 125 V/µs VOS Input offset voltage ±7 ±1 ±5 mV TC VOS Input offset average drift See (4) ±5 µV/°C IB Input bias current See (5) –3.25 –1.70 –2.60 µA IOS Input offset current 1000 20 800 nA RIN Common-mode input resistance 3 M Ω CIN Common-mode input capacitance 2 pF CMVR Input common- mode voltage range CMRR ≥ 50dB –0.1 –0.5 –0.2 V 3.6 3.8 4.0 CMRR Common-mode rejection ratio VCM Stepped from 0V to 3.5V 72 95 dB AVOL Large signal voltage gain VO = 0.5V to 4.50V RL = 2kΩ to V +/2 82 86 98 dB VO = 0.5V to 4.25V RL = 150Ω to V +/2 72 76 82 |
同様の部品番号 - LMH6644-MIL |
|
同様の説明 - LMH6644-MIL |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |