データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6639-MIL データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMH6639-MIL
部品情報  190MHz Rail-to-Rail Output Amplifier with Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6639-MIL データシート(HTML) 11 Page - Texas Instruments

Back Button LMH6639-MIL Datasheet HTML 7Page - Texas Instruments LMH6639-MIL Datasheet HTML 8Page - Texas Instruments LMH6639-MIL Datasheet HTML 9Page - Texas Instruments LMH6639-MIL Datasheet HTML 10Page - Texas Instruments LMH6639-MIL Datasheet HTML 11Page - Texas Instruments LMH6639-MIL Datasheet HTML 12Page - Texas Instruments LMH6639-MIL Datasheet HTML 13Page - Texas Instruments LMH6639-MIL Datasheet HTML 14Page - Texas Instruments LMH6639-MIL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
-100 -75
-50
-25
0
25
50
75
100
IRE
-0.1
0.14
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
-0.05
0.07
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.06
GAIN
PHASE
VS = 5V
RL = 150:
f = 3.58MHz
80 ns/DIV
-0.2
0.3
0.8
0
SHUTDOWN PULSE
SWITCHED DC VOLTAGE
AV = 2
1
1.5
2
2.5
3
3.5
4
4.5 4.75
OUTPUT VOLTAGE (VPP)
-100
-90
-80
-70
-60
-50
-40
f = 5MHz
A = +2
RL = 1k
VS = 5V
THD
2nd
3rd
4th
3rd
2nd
100k
1M
10
M
100M 300M
-25
-20
-15
-10
-5
0
5
10
FREQUENCY (Hz)
85°C
-40°C
25°C
AV = +1
RL = 500:
100k
1
M
10M
100M
FREQUENCY (Hz)
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
RS = 1k
RF = 2.65k VS = 3V
RF = 2.51k VS = 5V
RF = 2.26k VS = 10V
3V
10V
5V
+
-
RF
RS
100k
1M
10M
100M
FREQUENCY (Hz)
-30
-20
-10
0
10
20
30
40
50
60
70
-60
-40
-20
0
20
40
60
80
100
120
140
200M
GAIN
85/25/ & -40°C
PHASE
85/25/ & -40°C
LMH6639
www.ti.com
SNOS989G – JANUARY 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = +2.5, V= −2.5V, R
F = 330Ω for AV = +2, RF = 1kΩ for AV = −1. Unless otherwise specified.
Gain and phase vs.
0.1dB Gain Flatness
Frequency for Various Temperature
Figure 22.
Figure 23.
Frequency Response vs.
Temperature
Harmonic Distortion
Figure 24.
Figure 25.
Differential Gain/Phase
On-Off Switching DC Voltage
Figure 26.
Figure 27.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6639


同様の部品番号 - LMH6639-MIL

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6639 NSC-LMH6639 Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
National Semiconductor ...
LMH6639MA NSC-LMH6639MA Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639MA NSC-LMH6639MA Datasheet
1Mb / 26P
   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
More results

同様の説明 - LMH6639-MIL

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6639 NSC-LMH6639 Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639_16 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
National Semiconductor ...
LMH6639 NSC-LMH6639_14 Datasheet
1Mb / 26P
   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com