データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP303 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP303
部品情報  Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303 データシート(HTML) 3 Page - Texas Instruments

  TMP303 Datasheet HTML 1Page - Texas Instruments TMP303 Datasheet HTML 2Page - Texas Instruments TMP303 Datasheet HTML 3Page - Texas Instruments TMP303 Datasheet HTML 4Page - Texas Instruments TMP303 Datasheet HTML 5Page - Texas Instruments TMP303 Datasheet HTML 6Page - Texas Instruments TMP303 Datasheet HTML 7Page - Texas Instruments TMP303 Datasheet HTML 8Page - Texas Instruments TMP303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
6
5
4
V
S
SOH
HYST
SET0
HYST
SET1
GND
OUT
3
TMP303
www.ti.com
SBOS486G – JULY 2009 – REVISED JULY 2017
Product Folder Links: TMP303
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Changes from Revision A (September 2009) to Revision B
Page
Added TMP303B device to data sheet................................................................................................................................... 1
(1)
Contact a TI representative for other trip points.
5 Device Options
DEVICE
TRIP POINTS (°C)
TMP303A
TL = 0, TH = 60
(1)
TMP303B
TL = 0, TH = 55
(1)
TMP303C
TL = -20, TH = 60
(1)
TMP303D
TL = -15, TH = 125
(1)
TMP303E
TL = 0, TH = 70
(1)
TMP303F
TL = 0, TH = 80
(1)
TMP303G
TL = 0, TH = 90
(1)
6 Pin Configuration and Functions
DRL Package
6-Pin SOT-563
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
HYSTSET0
1
Digital Input
This pin is used to set the amount of thermal hysteresis.
GND
2
Ground
Ground
OUT
3
Digital Output Active high, push-pull output pin. Does not require a pullup resistor to VS.
SOH
4
Digital Input
Set output high (SOH) pin. If the SOH pin is pulled high, the TMP303 forces the output high.
If the SOH pin is grounded or left floating, this pin has no effect on the behavior of the
TMP303.
VS
5
Power
Supply
Power supply
HYSTSET1
6
Digital Input
This pin is used to set the amount of thermal hysteresis.


同様の部品番号 - TMP303

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP303 TI1-TMP303 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303ADRLR TI1-TMP303ADRLR Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303ADRLR TI1-TMP303ADRLR Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP303ADRLT TI1-TMP303ADRLT Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
More results

同様の説明 - TMP303

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com