データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP303GDRLR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP303GDRLR
部品情報  Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303GDRLR データシート(HTML) 8 Page - Texas Instruments

Back Button TMP303GDRLR Datasheet HTML 4Page - Texas Instruments TMP303GDRLR Datasheet HTML 5Page - Texas Instruments TMP303GDRLR Datasheet HTML 6Page - Texas Instruments TMP303GDRLR Datasheet HTML 7Page - Texas Instruments TMP303GDRLR Datasheet HTML 8Page - Texas Instruments TMP303GDRLR Datasheet HTML 9Page - Texas Instruments TMP303GDRLR Datasheet HTML 10Page - Texas Instruments TMP303GDRLR Datasheet HTML 11Page - Texas Instruments TMP303GDRLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
100kW
OUT
HYST
SET1
HYST
SET0
1.4V to 3.6V
V
S
GND
SOH
Temperature
Sensor
Hysteresis
Logic
Trip Point
Logic
DS
ADC
8
TMP303
SBOS486G – JULY 2009 – REVISED JULY 2017
www.ti.com
Product Folder Links: TMP303
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMP303 devices are temperature switches used in battery-powered applications that require accurate
monitoring of a very specific temperature range from 0°C to 60°C (TMP303A), 0°C to 55°C (TMP303B), –20°C to
60°C (TMP303C), –15°C to 125°C (TMP303D), 0°C to 70°C (TMP303E), 0°C to 80°C (TMP303F) or 0°C to 90°C
(TMP303G). This functionality is accomplished through the preset trip window and two hysteresis bits, HYSTSET0
and HYSTSET1. The preset trip window temperature thresholds are configured at the factory; for other trip points,
contact a TI representative. Table 1 summarizes the bit setting versus hysteresis temperature window.
Table 1. Bit Setting vs Hysteresis Window
HYSTSET1
HYSTSET0
HYSTERESIS
GND
GND
1°C
GND
VS
2°C
VS
GND
5°C
VS
VS
10°C
8.2 Functional Block Diagram


同様の部品番号 - TMP303GDRLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP303 TI1-TMP303 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303ADRLR TI1-TMP303ADRLR Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303ADRLR TI1-TMP303ADRLR Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP303ADRLT TI1-TMP303ADRLT Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
More results

同様の説明 - TMP303GDRLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com