データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP303GDRLT データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP303GDRLT
部品情報  Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303GDRLT データシート(HTML) 9 Page - Texas Instruments

Back Button TMP303GDRLT Datasheet HTML 5Page - Texas Instruments TMP303GDRLT Datasheet HTML 6Page - Texas Instruments TMP303GDRLT Datasheet HTML 7Page - Texas Instruments TMP303GDRLT Datasheet HTML 8Page - Texas Instruments TMP303GDRLT Datasheet HTML 9Page - Texas Instruments TMP303GDRLT Datasheet HTML 10Page - Texas Instruments TMP303GDRLT Datasheet HTML 11Page - Texas Instruments TMP303GDRLT Datasheet HTML 12Page - Texas Instruments TMP303GDRLT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
HYST
SET0
HYST
SET1
SOH
OUT
Time
T =0
L
C
°
T =60
H
C
°
10 C
°
50 C
°
5 C
°
Measured
Temperature
Changeshysteresis
from10
to
C
5 C
°
°
ForcesOUTpinhigh
regardlessoftemperature
9
TMP303
www.ti.com
SBOS486G – JULY 2009 – REVISED JULY 2017
Product Folder Links: TMP303
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 HYSTSET0, HYSTSET1 and SOH Functionality
The TMP303A temperature trip window resides within the range of 0°C to 60°C, the TMP303B within 0°C to
55°C, the TMP303C within –20°C to 60°C, the TMP303D within –15°C to 125°C, the TMP303E within 0°C to
70°C, the TMP303F within 0°C to 80°C, and the TMP303G within 0°C to 90°C. When any of these trip thresholds
is crossed, the output (OUT) changes state from low to high. OUT does not return to its original low state until
the temperature crosses the hysteresis threshold and returns within the range of the temperature trip window.
As an example, if the TMP303A is configured with a 10°C hysteresis window (that is, HYSTSET0 = HYSTSET1 =
VS), the output does not return to its low state until the temperature either crosses (TL + hysteresis) = 10°C or
(TH – hysteresis) = 50°C. The Set Output High (SOH) pin is intended to add test functionality to verify the
connectivity of the output (OUT) pin to the system controller or other temperature response system. The SOH pin
is internally pulled down to ground with a 100-kΩ resistor. If the SOH pin is grounded or left floating, it has no
effect on the behavior of the TMP303A. If the SOH pin is pulled high, the TMP303A immediately forces the
output high, regardless of temperature.
NOTE
This response occurs even if the temperature falls within the 0°C to 60°C temperature
window.
Figure 10 shows this design in graphical form.
Figure 10. TMP303A Output Transfer Curves With Hysteresis Change from 10°C to 5°C and SOH
Functionality


同様の部品番号 - TMP303GDRLT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP303 TI1-TMP303 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303ADRLR TI1-TMP303ADRLR Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303ADRLR TI1-TMP303ADRLR Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP303ADRLT TI1-TMP303ADRLT Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
More results

同様の説明 - TMP303GDRLT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com