データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMDJ10A データシート(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

部品番号 SMDJ10A
部品情報  Transient Voltage Suppressors Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
ホームページ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMDJ10A データシート(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMDJ10A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDJ10A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDJ10A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDJ10A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDJ10A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced
by lightning and other transient voltage events.
Surface Mount - 3000W > SMDJ5.0~220CA Series
Transient Voltage Suppressors Diodes
Features
SMC/DO-214AB
unit:inch(mm)
• Halogen-free
• Rohs compliant
• Typical maximum temperature coefficient ΔVBR = 0.1% x
VBR@25°C x ΔT
• Glass passivated Chip junction in DO-214AB package
• 3000W peak pulse capadility at 10×1000μs waveform, repetition
rate (duty cycles):0.01%
• Fast response time:typically less than 1.0ps from 0 Volts to BV
min
• Excellent clamping capability
• Low incremental surge resistance
• Typical IR less than 5μA above 12V
• High temperature soldering guaranteed: 260°C/40 seconds /
0.375”,(9.5mm) lead length, 5lbs., (2.3kg) tension
• Plastic package has underwriters laboratory flammability
classification 94v-0
Maximum Ratings And Characteristics (TA=25°C unless otherwise noted)
Applications
TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in
telecom,computer, industrial and consumer electronic applications.
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation by 10x1000μs test
waveform (Fig.1)(Note 1)
P
PPM
3000
Watts
Steady State Power Dissipation on
inifinite heat sink at TL=75°C (Fig. 5)
PD
6.5
Watts
Peak Forward Surge Current, 8.3ms Single Half
Sine Wave Unidirectional only (Note 2)
I
FSM
300
Amps
Maximum Instantaneous Forward Voltage at 25A for
Unidirectional only (Note 3)
VF
3.5
V
Operating junction and Storage Temperature Range.
TJ,TSTG
-55 to 175
°C
Typical Thermal Resistance Junction to Lead
RuJL
15
°C/W
Typical Thermal Resistance Junction
to Ambient
RuJA
75
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Mounted on copper pad area of 0.31x0.31” (8.0 x 8.0mm) to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional device only, duty cycle=4 per minute maximum.
Rev : 01.06.2014
1/
www.leiditech.com
5


同様の部品番号 - SMDJ10A

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
SMDJ10A FS-SMDJ10A Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
List of Unclassifed Man...
SMDJ10A ETC1-SMDJ10A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Nanjing International G...
SMDJ10A DGNJDZ-SMDJ10A Datasheet
102Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Microdiode Electronics ...
SMDJ10A CHENDA-SMDJ10A Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
logo
Thinki Semiconductor Co...
SMDJ10A THINKISEMI-SMDJ10A Datasheet
882Kb / 4P
   ThinkiSemi 3KW,10V-100V Surface Mount Transient Voltage Suppressors
More results

同様の説明 - SMDJ10A

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
5KP5.0A LEIDITECH-5KP5.0A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SA5.0 LEIDITECH-SA5.0 Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
P6KE6.8A LEIDITECH-P6KE6.8A Datasheet
1Mb / 5P
   Transient Voltage Suppressors Diodes
5KP200A LEIDITECH-5KP200A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SMBJ5.0A LEIDITECH-SMBJ5.0A Datasheet
888Kb / 5P
   Transient Voltage Suppressors Diodes
5KP210A LEIDITECH-5KP210A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SMDJ5.0A LEIDITECH-SMDJ5.0A Datasheet
793Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Changzhou Shunye Electr...
ESD5Z5V0C SY-ESD5Z5V0C Datasheet
298Kb / 2P
   Transient Voltage Suppressors ESD Protection Diodes
logo
HY ELECTRONIC CORP.
ARZ3524 HY-ARZ3524_17 Datasheet
140Kb / 3P
   AUTOMOBILE BUTTON DIODES TRANSIENT VOLTAGE SUPPRESSORS
ARZ5024 HY-ARZ5024_17 Datasheet
139Kb / 3P
   AUTOMOBILE BUTTON DIODES TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com