データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB3040CT データシート(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 SB3040CT
部品情報  30A High Power Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SB3040CT データシート(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SB3040CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SB3040CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■ Rating and characteristic curves
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
Ambient Temperature ( °C)
30.0
24.0
12.0
single phase half wave 60Hz
resistive or inductive load
3.75”(9.5mm) lead length
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4 - Reverse Characteristics
T =25°C
J
T =75°C
J
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
0
T =100°C
J
18.0
6.0
Fig. 3 - Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
100
10
1.0
0.1
SB3060CT
SB3040CT
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
300
250
200
150
100
50
0
Number of Cycles at 60 Hz
1
10
100
8.3mS single half sine-wave
(JEDEC Method)
SB3040CT THRU SB3065CT
30A High Power Schottky Barrier Rectifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1
PACKAGE
SPQ/PCS
CARTON
SPQ/PCS
CARTON
SIZE/CM
CARTON
GW/KG
CARTON
NW/KG
TO-220AB
50/tube;1000/BOX
5000
58X23.5X18
15.00
13.00


同様の部品番号 - SB3040CT

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB3040CT PANJIT-SB3040CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 60 Volts CURRENT - 30.0 Ampere)
logo
PACELEADER INDUSTRIAL
SB3040CT PACELEADER-SB3040CT Datasheet
166Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3040CT PANJIT-SB3040CT Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SB3040CT FRONTIER-SB3040CT Datasheet
511Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SB3040CT FORMOSA-SB3040CT Datasheet
108Kb / 6P
   Schottky Barrier Rectifier
More results

同様の説明 - SB3040CT

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
LGSB3040FCT LUGUANG-LGSB3040FCT Datasheet
2Mb / 2P
   30A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SBF3040CT CITC-SBF3040CT Datasheet
98Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR30100CT-J LUGUANG-LGMBR30100CT-J Datasheet
1Mb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBR3040CT CITC-MBR3040CT Datasheet
99Kb / 3P
   30A High Power Schottky Barrier Rectifiers
SB3040CT CITC-SB3040CT Datasheet
97Kb / 3P
   30A High Power Schottky Barrier Rectifiers
MBRF3040CT CITC-MBRF3040CT Datasheet
100Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D Datasheet
298Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30150CT MORESEMI-MBR30150CT Datasheet
955Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D_15 Datasheet
236Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com