データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7317 データシート(PDF) 2 Page - International Rectifier

部品番号 IRF7317
部品情報  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7317 データシート(HTML) 2 Page - International Rectifier

  IRF7317 Datasheet HTML 1Page - International Rectifier IRF7317 Datasheet HTML 2Page - International Rectifier IRF7317 Datasheet HTML 3Page - International Rectifier IRF7317 Datasheet HTML 4Page - International Rectifier IRF7317 Datasheet HTML 5Page - International Rectifier IRF7317 Datasheet HTML 6Page - International Rectifier IRF7317 Datasheet HTML 7Page - International Rectifier IRF7317 Datasheet HTML 8Page - International Rectifier IRF7317 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7317
… Surface mounted on FR-4 board, t ≤ 10sec.
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
20
VGS = 0V, ID = 250µA
P-Ch -20
VGS = 0V, ID = -250µA
N-Ch
— 0.027
Reference to 25°C, ID = 1mA
P-Ch
— 0.031
Reference to 25°C, ID = -1mA
— 0.023 0.029
VGS = 4.5V, ID = 6.0A
„
— 0.030 0.046
VGS = 2.7V, ID = 5.2A
„
— 0.049 0.058
VGS = -4.5V, ID = -2.9A
„
— 0.082 0.098
VGS = -2.7V, ID = -1.5A
„
N-Ch 0.7
VDS = VGS, ID = 250µA
P-Ch -0.7
VDS = VGS, ID = -250µA
N-Ch
20
VDS = 10V, ID = 6.0A
„
P-Ch
5.9
VDS = -10V, ID = -1.5A
„
N-Ch
1.0
VDS = 16V, VGS = 0V
P-Ch
-1.0
VDS = -16V, VGS = 0V
N-Ch
5.0
VDS = 16V, VGS = 0V, TJ = 55°C
P-Ch
-25
VDS = -16V, VGS = 0V, TJ = 55°C
IGSS
Gate-to-Source Forward Leakage
N-P
––
±100
VGS = ±12V
N-Ch
18
27
P-Ch
19
29
N-Ch
2.2
3.3
P-Ch
4.0
6.1
N-Ch
6.2
9.3
P-Ch
7.7
12
N-Ch
8.1
12
P-Ch
15
22
N-Ch
17
25
P-Ch
40
60
N-Ch
38
57
P-Ch
42
63
N-Ch
31
47
P-Ch
49
73
N-Ch
900
P-Ch
780
N-Ch
430
pF
P-Ch
470
N-Ch
200
P-Ch
240
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V
V/°C
V
S
µA
nC
ns
N-Channel
ID = 6.0A, VDS = 10V, VGS = 4.5V
„
P-Channel
ID = -2.9A, VDS = -16V, VGS = -4.5V
N-Channel
VDD = 10V, ID = 1.0A, RG = 6.0Ω,
RD = 10Ω
„
P-Channel
VDD = -10V, ID = -2.9A, RG = 6.0Ω,
RD = 3.4Ω
N-Channel
VGS = 0V, VDS = 15V, ƒ = 1.0MHz
P-Channel
VGS = 0V, VDS = -15V, ƒ = 1.0MHz
N-Ch
P-Ch
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
2.5
P-Ch
-2.5
N-Ch
26
P-Ch
-21
N-Ch
0.72
1.0
TJ = 25°C, IS = 1.7A, VGS = 0V
ƒ
P-Ch
-0.78 -1.0
TJ = 25°C, IS = -2.9A, VGS = 0V
ƒ
N-Ch
52
77
P-Ch
47
71
N-Ch
58
86
P-Ch
49
73
Source-Drain Ratings and Characteristics
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode)

VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF =1.7A, di/dt = 100A/µs
P-Channel
„
TJ = 25°C, IF = -2.9A, di/dt = 100A/µs
‚ N-Channel I
SD ≤ 4.1A, di/dt ≤ 92A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD ≤ -2.9A, di/dt ≤ -77A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 22 )
Notes:
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
ƒ N-Channel Starting TJ = 25°C, L = 12mH RG = 25Ω, IAS = 4.1A. (See Figure 12)
P-Channel Starting TJ = 25°C, L = 35mH RG = 25Ω, IAS = -2.9A.
nA


同様の部品番号 - IRF7317

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7317PBF IRF-IRF7317PBF Datasheet
236Kb / 10P
   HEXFET짰 Power MOSFET
IRF7317PBF IRF-IRF7317PBF Datasheet
241Kb / 10P
   GENERATION V TECHNOLOGY
logo
Infineon Technologies A...
IRF7317PBF INFINEON-IRF7317PBF Datasheet
241Kb / 10P
   Generartion V Technology
5/25/04
logo
International Rectifier
IRF7317PBF IRF-IRF7317PBF_15 Datasheet
241Kb / 10P
   GENERATION V TECHNOLOGY
IRF7317TRPBF IRF-IRF7317TRPBF Datasheet
241Kb / 10P
   Generation V Technology
More results

同様の説明 - IRF7317

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com