データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC0V224ZFTBR24 データシート(PDF) 1 Page - Kemet Corporation

部品番号 FC0V224ZFTBR24
部品情報  Supercapacitors FC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0V224ZFTBR24 データシート(HTML) 1 Page - Kemet Corporation

  FC0V224ZFTBR24 Datasheet HTML 1Page - Kemet Corporation FC0V224ZFTBR24 Datasheet HTML 2Page - Kemet Corporation FC0V224ZFTBR24 Datasheet HTML 3Page - Kemet Corporation FC0V224ZFTBR24 Datasheet HTML 4Page - Kemet Corporation FC0V224ZFTBR24 Datasheet HTML 5Page - Kemet Corporation FC0V224ZFTBR24 Datasheet HTML 6Page - Kemet Corporation FC0V224ZFTBR24 Datasheet HTML 7Page - Kemet Corporation FC0V224ZFTBR24 Datasheet HTML 8Page - Kemet Corporation FC0V224ZFTBR24 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6011_FC • 3/29/2017
One world. One KEMET
Benefits
• Surface mount without holder
• Widerangeoftemperaturefrom−25°Cto+70°C
• Maintenance free
• Operational Voltage: 3.5 – 5.5 VDC
• Highly reliable against liquid leakage
• Lead-free and RoHS Compliant
Overview
FC Series Supercapacitors, also known as Electric
Double-Layer Capacitors (EDLCs), are surface mount type
components intended for high energy storage applications.
TheFCSeriesisdesignedspecificallyforreflowsoldering,
allowing them to be attached to a printed circuit board
(PCB) directly.
Applications
Supercapacitors have characteristics ranging from
traditional capacitors and batteries. As a result,
supercapacitors can be used like a secondary battery
when applied in a DC circuit. These devices are best suited
for use in low voltage DC hold-up applications such as
embeddedmicroprocessorsystemswithflashmemory.
Supercapacitors
FC Series
Part Number System
FC
0H
104
Z
F
TB
R
24
–SS
Series
Surface Mount
Maximum
Operating Voltage
Capacitance Code (F)
Capacitance
Tolerance
Environmental Tape Type Orientation Tape Width
C-Spec
FCS
FC
0V = 3.5 VDC
0H = 5.5 VDC
First two digits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
Z=−20/+80% F = Lead-free
TB =
Embossed
R = Positive
electrode
forward
24 = 24 mm
32 = 32 mm
44 = 44 mm
–SS = 3 digit
serial number
marked on top
Blank = No serial
number marking


同様の部品番号 - FC0V224ZFTBR24

メーカー部品番号データシート部品情報
logo
NEC
FC0V224ZFTBR24 NEC-FC0V224ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
FC0V224ZFTBR24 NEC-FC0V224ZFTBR24 Datasheet
122Kb / 4P
   6. Rated Specifi cations 6.1 FC Series
More results

同様の説明 - FC0V224ZFTBR24

メーカー部品番号データシート部品情報
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com