データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC0H474ZFTBR32-SS データシート(PDF) 9 Page - Kemet Corporation

部品番号 FC0H474ZFTBR32-SS
部品情報  Supercapacitors FC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0H474ZFTBR32-SS データシート(HTML) 9 Page - Kemet Corporation

Back Button FC0H474ZFTBR32-SS Datasheet HTML 5Page - Kemet Corporation FC0H474ZFTBR32-SS Datasheet HTML 6Page - Kemet Corporation FC0H474ZFTBR32-SS Datasheet HTML 7Page - Kemet Corporation FC0H474ZFTBR32-SS Datasheet HTML 8Page - Kemet Corporation FC0H474ZFTBR32-SS Datasheet HTML 9Page - Kemet Corporation FC0H474ZFTBR32-SS Datasheet HTML 10Page - Kemet Corporation FC0H474ZFTBR32-SS Datasheet HTML 11Page - Kemet Corporation FC0H474ZFTBR32-SS Datasheet HTML 12Page - Kemet Corporation FC0H474ZFTBR32-SS Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6011_FC • 3/29/2017
Supercapacitors – FC Series
Tape & Reel Packaging Information – Millimeters cont'd
t
1
Super capacitors fitting
on square-hole
Super capacitors fitting
on square-hole
t
2
t
1
t
2
A
P
2
P
0
Forward direction
Sprocket hole
Indented square-hole
for fitting super capacitors
A
R0.75
0.2
ø D
0
P
1
P
2
P
0
P
1
ø D
0
Mark
TBR24
TBR32
TBR44
W
24.0
32.0
44.0
A
11.4
18.0
23.0
B
13.0
20.0
25.0
P
0
4.0
4.0
4.0
P
1
16.0
24.0
32.0
P
2
2.0
2.0
2.0
F
11.5
14.2
20.2
ø D
0
1.55
1.55
1.55
t
1
0.4
0.5
0.5
E
1.75
1.75
1.75
t
2
Product height 5.5 mm
6.0
10.0
12.0
Product height 8.5 mm
8.4
G
28.4
40.4
Ammo Pack Packaging Information
Part Number
Quantity per Reel
FC0H473ZFTBR24
1,000 pieces/reel
FC0H104ZFTBR24
1,000 pieces/reel
FC0H224ZFTBR24
500 pieces/reel
FC0H474ZFTBR32–SS
200 pieces/reel
FC0H105ZFTBR44–SS
150 pieces/reel
FC0V104ZFTBR24
1,000 pieces/reel
FC0V224ZFTBR24
1,000 pieces/reel
FC0V474ZFTBR24
500 pieces/reel
FCS0H473ZFTBR24
1,000 pieces/reel
FCS0H104ZFTBR24
1,000 pieces/reel
FCS0H224ZFTBR24
500 pieces/reel
FCS0V104ZFTBR24
1,000 pieces/reel
FCS0V224ZFTBR24
1,000 pieces/reel
FCS0V474ZFTBR24
500 pieces/reel


同様の部品番号 - FC0H474ZFTBR32-SS

メーカー部品番号データシート部品情報
logo
NEC
FC0H474ZFTBR32-SS NEC-FC0H474ZFTBR32-SS Datasheet
476Kb / 39P
   Super Capacitors
FC0H474ZFTBR32-SS NEC-FC0H474ZFTBR32-SS Datasheet
122Kb / 4P
   6. Rated Specifi cations 6.1 FC Series
More results

同様の説明 - FC0H474ZFTBR32-SS

メーカー部品番号データシート部品情報
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com