データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA1M0880 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 KA1M0880
部品情報  SPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1M0880 データシート(HTML) 3 Page - Fairchild Semiconductor

  KA1M0880 Datasheet HTML 1Page - Fairchild Semiconductor KA1M0880 Datasheet HTML 2Page - Fairchild Semiconductor KA1M0880 Datasheet HTML 3Page - Fairchild Semiconductor KA1M0880 Datasheet HTML 4Page - Fairchild Semiconductor KA1M0880 Datasheet HTML 5Page - Fairchild Semiconductor KA1M0880 Datasheet HTML 6Page - Fairchild Semiconductor KA1M0880 Datasheet HTML 7Page - Fairchild Semiconductor KA1M0880 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPS
KA1M0880
3
NOTE: Pulse test: Pulse width
≤ 300µS, duty cycle ≤ 2%
ELECTRICAL CHARACTERISTICS (SFET part)
(Ta=25
°C unless otherwise specified)
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
VGS=0V, ID=50µA
800
V
Zero gate voltage drain current
IDSS
VDS=Max., Rating, VGS=0V
50
µA
VDS=0.8Max., Rating,
VGS=0V, TC=125°C
200
µA
Static drain-source on resistance (note)
RDS(ON)
VGS=10V, ID=5.0A
1.2
1.5
Forward transconductance (note)
gfs
VDS=15V, ID=5.0A
1.5
2.5
mho
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
2460
pF
Output capacitance
Coss
210
Reverse transfer capacitance
Crss
64
Turn on delay time
td(on)
VDD=0.5BVDSS, ID=8.0A
(MOSFET switching
time are essentially
independent of
operating temperature)
90
nS
Rise time
tr
95
200
Turn off delay time
td(off)
150
450
Fall time
tf
60
150
Total gate charge
(gate-source+gate-drain)
Qg
VGS=10V, ID=8.0A,
VDS=0.5BVDSS (MOSFET
switching time are
essentially independent of
operating temperature)
150
nC
Gate-source charge
Qgs
20
Gate-drain (Miller) charge
Qgd
70


同様の部品番号 - KA1M0880

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA1M0880 FAIRCHILD-KA1M0880 Datasheet
111Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880B-TU FAIRCHILD-KA1M0880B-TU Datasheet
111Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880B-TU FAIRCHILD-KA1M0880B-TU Datasheet
118Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880B-YDTU FAIRCHILD-KA1M0880B-YDTU Datasheet
111Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880B-YDTU FAIRCHILD-KA1M0880B-YDTU Datasheet
118Kb / 10P
   Fairchild Power Switch(FPS)
More results

同様の説明 - KA1M0880

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA1M0280R FAIRCHILD-KA1M0280R Datasheet
99Kb / 8P
   SPS
KA2S0880 FAIRCHILD-KA2S0880 Datasheet
139Kb / 8P
   SPS
KA2S0680 FAIRCHILD-KA2S0680 Datasheet
139Kb / 8P
   SPS
KA1H0380 FAIRCHILD-KA1H0380 Datasheet
97Kb / 8P
   SPS
KA1H0365R FAIRCHILD-KA1H0365R Datasheet
99Kb / 8P
   SPS
logo
Optoway Technology Inc
SPS-4102WG OPTOWAY-SPS-4102WG Datasheet
203Kb / 6P
   SPS-4102WG / SPS-4102BWG (RoHS Compliant)
logo
Fairchild Semiconductor
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
logo
List of Unclassifed Man...
MX34014NFA ETC2-MX34014NFA Datasheet
122Kb / 1P
   GLASS FILLED SPS
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com