データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L-113GDT データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 L-113GDT
部品情報  2 X5 MM RECTANGULAR SOLID LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

L-113GDT データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  L-113GDT Datasheet HTML 1Page - List of Unclassifed Manufacturers L-113GDT Datasheet HTML 2Page - List of Unclassifed Manufacturers L-113GDT Datasheet HTML 3Page - List of Unclassifed Manufacturers L-113GDT Datasheet HTML 4Page - List of Unclassifed Manufacturers L-113GDT Datasheet HTML 5Page - List of Unclassifed Manufacturers L-113GDT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: KDA0285
REV NO: V.1
DATE: SEP/15/2001
PAGE: 1 OF 6
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
2x5mm RECTANGULAR SOLID LAMPS
L-113HDT BRIGHT RED
L-113GDT GREEN
L-113IDT HIGH EFFICIENCY RED
L-113EDT ORANGE
L-113SRDT SUPER BRIGHT RED
L-113YDT YELLOW
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
!
LOW POWER CONSUMPTION.
!
RELIABLE AND RUGGED.
!
EXCELLENT UNIFORMITY OF LIGHT OUTPUT.
!
SUPER BRIGHT RED VERSION IS AVAILABLE.
!
SUPER BRIGHT RED AND SUPER GREEN BI-COLOR
VERSION IS AVAILABLE.
!
SUITABLE FOR LEVEL INDICATOR.
!
LONG LIFE - SOLID STATE RELIABILITY.
Description
The Bright Red source color devices are made with
Gallium Phosphide Red Light Emitting Diode.
The High Efficiency Red and Orange source color devices
are made with Gallium Arsenide Phosphide on Gallium
Phosphide Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions


同様の部品番号 - L-113GDT

メーカー部品番号データシート部品情報
logo
3M Electronics
L-11-10 3M-L-11-10 Datasheet
38Kb / 5P
   Specialty Terminals
logo
Analog Devices
L-11-10-P AD-L-11-10-P Datasheet
30Kb / 4P
   11-2S-P thru 13-500-P Ring Tongue, Vinyl Insulated, Butted Seam
logo
3M Electronics
L-11-6 3M-L-11-6 Datasheet
38Kb / 5P
   Specialty Terminals
L-11-8 3M-L-11-8 Datasheet
38Kb / 5P
   Specialty Terminals
logo
Rhombus Industries Inc.
L-11001 RHOMBUS-IND-L-11001 Datasheet
26Kb / 1P
   CURRENT SENSE INDUCTORS
More results

同様の説明 - L-113GDT

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
E914 ETC-E914 Datasheet
167Kb / 5P
   2 x 3mm RECTANGULAR SOLID LAMPS
L-914 ETC-L-914 Datasheet
179Kb / 6P
   RECTANGULAR SOLID LAMPS
L173 ETC-L173 Datasheet
163Kb / 5P
   2.5 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Kingbright Corporation
L1053 KINGBRIGHT-L1053 Datasheet
142Kb / 5P
   1X5MM RECTANGULAR SOLID LAMPS
logo
QT Optoelectronics
MV53123 QT-MV53123 Datasheet
227Kb / 3P
   RECTANGULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV53123 FAIRCHILD-MV53123 Datasheet
251Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
Kingbright Corporation
L-1002 KINGBRIGHT-L-1002 Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com