データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFCN-575 データシート(PDF) 1 Page - Mini-Circuits

部品番号 LFCN-575
部品情報  Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCN-575 データシート(HTML) 1 Page - Mini-Circuits

  LFCN-575 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Outline Drawing
Maximum Ratings
Pin Connections
Features
RF IN
1**
RF OUT
3**
GROUND
2,4
**RF IN & RF OUT can be interchanged
Demo Board MCL P/N: TB-270
Suggested PCB Layout (PL-137)
Applications
Outline Dimensions (
)
inch
mm
AB
C
D
E
F
G
H
.126
.063
.039
.020
.032
.009
.169
.087
3.20
1.60
0.99
0.51
0.81
0.23
4.29
2.21
J
K
L
M
N
P
wt.
.024
.122
.024
.087
.012
.071 grams
0.61
3.10
0.61
2.21
0.30
1.80
.020
• harmonic rejection
• VHF/UHF transmitters/receivers
• RF suppression for DC lines on PCB
• anti-aliasing for A/D converter
• excellent power handling, 8.5W
• small size
• 7 sections
• temperature stable
• patent pending
LFCN-575
DC-575
770
900
1050-3200
5500
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO. OF
SECTIONS
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
f 20
Min.
fr 20
Typ.
40
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
RF IN
RF OUT
1.00
0.05
1.01
100.00
0.20
1.03
250.00
0.36
1.05
400.00
0.55
1.13
575.00
0.87
1.03
680.00
1.43
1.35
780.00
3.68
2.37
900.00
35.11
14.03
1050.00
45.10
22.29
2000.00
55.44
46.96
3000.00
44.69
48.26
4000.00
30.99
43.44
4500.00
28.33
34.75
5000.00
17.93
18.50
5500.00
19.72
21.73
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
8.5W max. at 25°C
DC Current Input to Output
0.5A max. at 25°C
*Passband rating, derate linearly to 3.5W at 100°C ambient.
LFCN-575
INSERTION LOSS
0
10
20
30
40
50
60
70
80
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
LFCN-575
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
K1-LFCN
35
5 of each: LFCN-225, -320, -400, -490, -530, -575, -630
99.95
designers kit available
Kit
No.
No. of
Units in Kit
Description
Price $
per Kit
Model
Price
Qty.
LFCN-575
$2.99
(10-49)
LFCN-575D
$3.49
(10-49)
CASE STYLE: FV1206
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-575D (DC Resistance to
ground is 100 Mohms min.)
Low Pass Filter Electrical Specifications1 (TAMB=25°C)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 575 MHz
Low Pass Filter
Ceramic
LFCN-575
REV. B
M96263
LFCN-575
EDR-6588/6
RVN/AD/CP
050113
NEW!


同様の部品番号 - LFCN-575

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LFCN-575++ MINI-LFCN-575+ Datasheet
298Kb / 1P
   LOW PASS FILTERS
LFCN-575++ MINI-LFCN-575+ Datasheet
306Kb / 1P
   LOW PASS FILTERS
More results

同様の説明 - LFCN-575

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com