データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV74110PDBVR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV74110PDBVR
部品情報  150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74110PDBVR データシート(HTML) 3 Page - Texas Instruments

  TLV74110PDBVR Datasheet HTML 1Page - Texas Instruments TLV74110PDBVR Datasheet HTML 2Page - Texas Instruments TLV74110PDBVR Datasheet HTML 3Page - Texas Instruments TLV74110PDBVR Datasheet HTML 4Page - Texas Instruments TLV74110PDBVR Datasheet HTML 5Page - Texas Instruments TLV74110PDBVR Datasheet HTML 6Page - Texas Instruments TLV74110PDBVR Datasheet HTML 7Page - Texas Instruments TLV74110PDBVR Datasheet HTML 8Page - Texas Instruments TLV74110PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
2
3
5
4
OUT
NC
IN
GND
EN
3
TLV741P
www.ti.com
SBVS309 – JULY 2017
Product Folder Links: TLV741P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configurations and Functions
DBV Package
5-Pin SOT-23
Top View
NC- no internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
3
I
Enable pin. Driving EN over 0.9 V turns on the regulator.
Driving EN below 0.4 V puts the regulator into shutdown mode.
GND
2
Ground pin
IN
1
I
Input pin. TI recommends using a small capacitor from this pin to ground. See Input and Output
Capacitor Considerations in Feature Description for more details.
NC
4
No internal connection
OUT
5
O
Regulated output voltage pin. For best transient response, TI recommends using a small 1-µF ceramic
capacitor from this pin to ground. See Input and Output Capacitor Considerations in Feature
Description for more details.
Thermal
pad
The thermal pad is electrically connected to the GND node. Connect to the GND plane for improved
thermal performance.


同様の部品番号 - TLV74110PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV74110PDBVR TI1-TLV74110PDBVR Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV74110PDBVR TI1-TLV74110PDBVR Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

同様の説明 - TLV74110PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com