データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV74118PDBVR データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV74118PDBVR
部品情報  150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74118PDBVR データシート(HTML) 9 Page - Texas Instruments

Back Button TLV74118PDBVR Datasheet HTML 5Page - Texas Instruments TLV74118PDBVR Datasheet HTML 6Page - Texas Instruments TLV74118PDBVR Datasheet HTML 7Page - Texas Instruments TLV74118PDBVR Datasheet HTML 8Page - Texas Instruments TLV74118PDBVR Datasheet HTML 9Page - Texas Instruments TLV74118PDBVR Datasheet HTML 10Page - Texas Instruments TLV74118PDBVR Datasheet HTML 11Page - Texas Instruments TLV74118PDBVR Datasheet HTML 12Page - Texas Instruments TLV74118PDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Time (s)
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
-0.03
-0.06
0.02
-0.05
0.07
-0.04
0.12
-0.03
0.17
-0.02
0.22
-0.01
0.27
0
0.32
0.01
0.37
0.02
0.42
0.03
0.47
0.04
0.52
0.05
D016
IOUT = 10 mA - 150 mA
VOUT = 3.3 V
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
250
300
Output Current (mA)
Time (s)
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
-0.01
-0.03
0.04
-0.015
0.09
0
0.14
0.015
0.19
0.03
0.24
0.045
D014
D016
IOUT = 0 mA - 20 mA
VOUT = 3.3 V
Time (s)
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
-0.03
-0.06
0.02
-0.05
0.07
-0.04
0.12
-0.03
0.17
-0.02
0.22
-0.01
0.27
0
0.32
0.01
0.37
0.02
0.42
0.03
0.47
0.04
0.52
0.05
D015
IOUT = 0 mA - 100 mA
VOUT = 3.3 V
Time (s)
-0.003
-0.0015
0
0.0015
0.003
0.0045
0.006
0
-0.03
1
-0.015
2
0
3
0.015
4
0.03
5
0.045
6
0.06
D012
VIN = 4.5-5.5 V
VOUT = 3.3 V
Time (s)
-0.0014
-0.001
-0.0006
-0.0002
0.0002
0.0006
0
-0.06
0.8
-0.045
1.6
-0.03
2.4
-0.015
3.2
0
4
0.015
4.8
0.03
5.6
0.045
6.4
0.06
VIN
VOUT
9
TLV741P
www.ti.com
SBVS309 – JULY 2017
Product Folder Links: TLV741P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
over operating temperature range TJ = –40°C to +125°C, VIN = VOUT(nom) + 0.5 V or 2 V (whichever is greater), IOUT = 10 mA,
VEN = VIN, COUT = 1 µF, and VOUT(nom) = 1.8 V (unless otherwise noted). Typical values are at TJ = 25°C.
IOUT = 1 mA
Figure 13. Line Transient
IOUT = 150 mA
Figure 14. Line Transient
IOUT = 0 mA - 20 mA
VOUT = 3.3 V
Figure 15. Load Transient
Figure 16. Load Transient
IOUT = 10 mA - 150 mA
VOUT = 3.3 V
Figure 17. Load Transient
TLV74133P
Figure 18. 3.3-V Output Voltage vs Output Current
(Foldback Current Limit)


同様の部品番号 - TLV74118PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV74118PDBVR TI1-TLV74118PDBVR Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV74118PDBVR TI1-TLV74118PDBVR Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

同様の説明 - TLV74118PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com