データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMF12N65 データシート(PDF) 6 Page - First Components International

部品番号 FMF12N65
部品情報  12Amps 650 Voltage N Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

FMF12N65 データシート(HTML) 6 Page - First Components International

  FMF12N65 Datasheet HTML 1Page - First Components International FMF12N65 Datasheet HTML 2Page - First Components International FMF12N65 Datasheet HTML 3Page - First Components International FMF12N65 Datasheet HTML 4Page - First Components International FMF12N65 Datasheet HTML 5Page - First Components International FMF12N65 Datasheet HTML 6Page - First Components International FMF12N65 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V DS
+
_
Dr i v e r
R
G
Sa m e T y p e
as D U T
V
GS
• dv / dt c o nt r ol l ed by R
G
•I
SD c o nt r ol l ed
by p ul s e pe r i o d
V
DD
L
I
SD
10 V
V
GS
( D r iv e r )
I SD
( D U T )
V DS
( D U T )
V
DD
B o dy D i od e
F or w ar d V o l t a g e D r o p
V SD
I
FM , B o dy D i od e
F or w a r d C ur r en t
B o dy D i od e R e v e r s e C ur r en t
I
RM
B o dy D i od e R e c o v e r y dv / dt
di / dt
D =
G a te P u l s e W i d th
G a t e P u l s e P er i od
- ---- --- --- ---- --- ---- --- -
DUT
V DS
+
_
Dr i v e r
R
G
Sa m e T y p e
as D U T
V
GS
• dv / dt c o nt r ol l ed by R
G
•I
SD c o nt r ol l ed
by p ul s e pe r i o d
V
DD
LL
I
SD
10 V
V
GS
( D r iv e r )
I SD
( D U T )
V DS
( D U T )
V
DD
B o dy D i od e
F or w ar d V o l t a g e D r o p
V SD
I
FM , B o dy D i od e
F or w a r d C ur r en t
B o dy D i od e R e v e r s e C ur r en t
I
RM
B o dy D i od e R e c o v e r y dv / dt
di / dt
D =
G a te P u l s e W i d th
G a t e P u l s e P er i od
- ---- --- --- ---- --- ---- --- -
D =
G a te P u l s e W i d th
G a t e P u l s e P er i od
- ---- --- --- ---- --- ---- --- -
FMF12N65 12Amps 650 Voltage N Channel MOSFET


同様の部品番号 - FMF12N65

メーカー部品番号データシート部品情報
logo
First Components Intern...
FMF10N65 FCI-FMF10N65 Datasheet
386Kb / 7P
   10Amps 650 Voltage N Channel MOSFET
FMF13N50 FCI-FMF13N50 Datasheet
469Kb / 7P
   13Amps 500 Voltage N - Channel POWER MOSFET
More results

同様の説明 - FMF12N65

メーカー部品番号データシート部品情報
logo
First Components Intern...
FMF10N65 FCI-FMF10N65 Datasheet
386Kb / 7P
   10Amps 650 Voltage N Channel MOSFET
10N65 FCI-10N65 Datasheet
186Kb / 2P
   10Amps 650 Voltage N Channel MOSFET
logo
ON Semiconductor
MTD3055V ONSEMI-MTD3055V Datasheet
81Kb / 12P
   Power MOSFET 12Amps, 60 Volts
November, 2000 ??Rev. 3
logo
Chongqing Pingwei Enter...
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
   7A mps,650 Volts N-CHANNEL MOSFET
logo
Analog Power
AM12N65B ANALOGPOWER-AM12N65B Datasheet
326Kb / 5P
   N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SM6A25NSF VBSEMI-SM6A25NSF Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
STB11NB40 VBSEMI-STB11NB40 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
STB13NK60ZT4 VBSEMI-STB13NK60ZT4 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
STP3NA60IF VBSEMI-STP3NA60IF Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
STP4N62K3 VBSEMI-STP4N62K3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com