データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FML20N50 データシート(PDF) 6 Page - First Components International

部品番号 FML20N50
部品情報  20Amps 500 Voltage N Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

FML20N50 データシート(HTML) 6 Page - First Components International

  FML20N50 Datasheet HTML 1Page - First Components International FML20N50 Datasheet HTML 2Page - First Components International FML20N50 Datasheet HTML 3Page - First Components International FML20N50 Datasheet HTML 4Page - First Components International FML20N50 Datasheet HTML 5Page - First Components International FML20N50 Datasheet HTML 6Page - First Components International FML20N50 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V DS
+
_
Dr i v e r
R G
Sa m e T y p e
as D U T
V GS
• dv / dt c o nt r ol l ed by R
G
•I
SD c o nt r ol l ed by p ul s e pe r i o d
V DD
L
I SD
10 V
V
GS
( D r iv e r )
I SD
( D U T )
V DS
( D U T )
V DD
B o dy D i od e
F or w ar d V o l t a g e D r o p
V SD
I
FM , B o dy D i od e F or w a r d C ur r en t
B o dy D i od e R e v e r s e C ur r en t
I RM
B o dy D i od e R e c o v e r y dv / dt
di / dt
D =
G a te P u l s e W i d th
G a t e P u l s e P er i od
- ---- --- --- ---- --- ---- --- -
DUT
V DS
+
_
Dr i v e r
R G
Sa m e T y p e
as D U T
V GS
• dv / dt c o nt r ol l ed by R
G
•I
SD c o nt r ol l ed by p ul s e pe r i o d
V DD
LL
I SD
10 V
V
GS
( D r iv e r )
I SD
( D U T )
V DS
( D U T )
V DD
B o dy D i od e
F or w ar d V o l t a g e D r o p
V SD
I
FM , B o dy D i od e F or w a r d C ur r en t
B o dy D i od e R e v e r s e C ur r en t
I RM
B o dy D i od e R e c o v e r y dv / dt
di / dt
D =
G a te P u l s e W i d th
G a t e P u l s e P er i od
- ---- --- --- ---- --- ---- --- -
D =
G a te P u l s e W i d th
G a t e P u l s e P er i od
- ---- --- --- ---- --- ---- --- -
FML20N50 20Amps 500 Voltage N Channel MOSFET


同様の部品番号 - FML20N50

メーカー部品番号データシート部品情報
logo
Fuji Electric
FML20N50ES FUJI-FML20N50ES Datasheet
459Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
More results

同様の説明 - FML20N50

メーカー部品番号データシート部品情報
logo
First Components Intern...
FML20N60 FCI-FML20N60 Datasheet
787Kb / 7P
   20Amps 600 Voltage N Channel MOSFET
FM840 FCI-FM840 Datasheet
142Kb / 5P
   8Amps 500 Voltage N Channel MOSFET
FM13N50 FCI-FM13N50 Datasheet
128Kb / 2P
   13Amps 500 Voltage N Channel POWER MOSFET
FMF13N50 FCI-FMF13N50 Datasheet
469Kb / 7P
   13Amps 500 Voltage N - Channel POWER MOSFET
logo
First Silicon Co., Ltd
FTK20NS65P FS-FTK20NS65P Datasheet
889Kb / 7P
   20Amps, 650Volts N-Channel Super Juction MOS-FET
FTK20NS65PD FS-FTK20NS65PD Datasheet
889Kb / 7P
   20Amps, 650Volts N-Channel Super Juction MOS-FET
logo
ON Semiconductor
NDF08N50ZH ONSEMI-NDF08N50ZH Datasheet
123Kb / 6P
   N-Channel Power MOSFET 500 V, 0.85
January, 2015 ??Rev. 6
logo
Analog Power
AM9N50P ANALOGPOWER-AM9N50P Datasheet
330Kb / 5P
   N-Channel 500-V (D-S) MOSFET
logo
ON Semiconductor
NDP04N50Z ONSEMI-NDP04N50Z Datasheet
127Kb / 9P
   N-Channel Power MOSFET 500 V, 2.7 
July, 2010 - Rev. 0
NDF08N50Z ONSEMI-NDF08N50Z Datasheet
146Kb / 6P
   N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com