データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EZJZZV270WAD データシート(PDF) 6 Page - Panasonic Semiconductor

部品番号 EZJZZV270WAD
部品情報  Multilayer Varistor for ESD pulse
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270WAD データシート(HTML) 6 Page - Panasonic Semiconductor

  EZJZZV270WAD Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270WAD Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270WAD Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270WAD Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270WAD Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270WAD Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270WAD Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270WAD Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
Current (A)
Zener diode
Zener diode
monopolar 2pcs.
Multilayer Varistor
Capacitor 1 pc.
Voltage (V)
Time (ns)
1400
1200
1000
800
600
400
200
0
-200
–20
0
20
40
60
80
100
120
140
160
180
200
Without Varistor
EZJP0V080GA
[V1 mA:8 V, C1 MHz:100 pF max.]
Attenuator : 60 dB
MLCV
150 pF
330
Ω
50
Ω
Electrostatic discharger
Oscillo-scope
Mounting area
Approx .83 % space saving
MLCV
Size 0402
Zener diode
S-79
1.5
2.6
0.5
1.7
0.3
MLCC
Size 0402
Varistor Characteristics and Equivalent Circuit
ESD Suppressive Effects
Replacement of Zener diode
A Multilayer Varistor does not have an electrical polarity like zener diodes and is equivalent to total 3 pcs.
of 2 zener diodes and 1 capacitor.
[Equivalent Circuit]
[ESD suppressed waveform]
Typical effects of ESD suppression
Test conditions: IEC61000-4-2Level 4 Contact discharge, 8 kV
Replacing “Zener diode and Capacitor” with Multilayer Varistor saves both the mounting area and number
of components used.
✽ IEC61000-4-2 ··· International Standard of the ESD testing method (HBM) for electronic equipment ability to
withstand ESD generated from a human body. It sets 4 levels of severity
Severity
Level 1
Level 2
Level 3
Level 4
Contact discharge
2 kV
4 kV
6 kV
8 kV
Air discharge
2 kV
4 kV
8 kV
15 kV
Dimensions in mm
Nov. 2016
04


同様の部品番号 - EZJZZV270WAD

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJZZV270WAD PANASONIC-EZJZZV270WAD Datasheet
172Kb / 8P
   Multilayer Varistors
More results

同様の説明 - EZJZZV270WAD

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJS1VB822 PANASONIC-EZJS1VB822 Datasheet
92Kb / 2P
   Multilayer Varistor for ESD pulse [DC voltage lines]
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
logo
Cooper Bussmann, Inc.
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com