データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIWA11-S08 データシート(PDF) 1 Page - Vitec Power

部品番号 SIWA11-S08
部品情報  10W Wall Mount Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  Vitec [Vitec Power]
ホームページ  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIWA11-S08 データシート(HTML) 1 Page - Vitec Power

  SIWA11-S08 Datasheet HTML 1Page - Vitec Power SIWA11-S08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIWA11 SERIES
10W Wall Mount Power Supply for Industrial Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
European type 2 prong plug
Output Voltage Available From 5VDC Thru 40VDC
Optional Output Connector
Single Output
Class II Insulation
Operating temperature -20~70°C
CEC Level V, Energy Star 2.0 and RoHS Compliance
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Total Regulation
Maximum Output Power
SIWA11-S02
5 ~ 6 VDC
1.60 ~ 1.33 A
5%
8W
SIWA11-S03
6 ~ 8 VDC
1.33 ~ 1.00 A
5%
8W
SIWA11-S04
8 ~ 11 VDC
1.25 ~ 0.91 A
5%
10W
SIWA11-S05
11 ~ 13 VDC
0.91 ~ 0.77 A
5%
10W
SIWA11-S06
13 ~ 16 VDC
0.77 ~ 0.63 A
5%
10W
SIWA11-S07
16 ~ 21 VDC
0.63 ~ 0.48 A
3%
10W
SIWA11-S08
21 ~ 27 VDC
0.48 ~ 0.37 A
3%
10W
SIWA11-S09
27 ~ 33 VDC
0.37 ~ 0.30 A
3%
10W
SIWA11-S10
33 ~ 40 VDC
0.30 ~ 0.25 A
3%
10W
The total regulation on model S02-S05 is required to use AWG#20/4FT output cable.
The total regulation on model S06-S10 is required to use AWG#24/4FT output cable.
The regulation and efficiency will be changed by modified output cable.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
10
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.3
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.2
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=115VAC
20
30
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
45
60
A
Efficiency
Io=Full Load, Vin=230VAC
75
80
85
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
Nil
%
Over Current Protection
Nil But, Output protected to short circuit conditions
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
5
10
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.2
0.25
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


同様の部品番号 - SIWA11-S08

メーカー部品番号データシート部品情報
logo
Vitec Power
SIWA11-S08 Vitec-SIWA11-S08 Datasheet
289Kb / 2P
   10W Wall Mount Power Supply for Industrial Equipment
More results

同様の説明 - SIWA11-S08

メーカー部品番号データシート部品情報
logo
Vitec Power
SIWA11-SERIES Vitec-SIWA11-SERIES Datasheet
289Kb / 2P
   10W Wall Mount Power Supply for Industrial Equipment
MTWA11 Vitec-MTWA11 Datasheet
291Kb / 2P
   10W Wall Mount Power Supply for I.T. Equipment
MTWA11-SERIES Vitec-MTWA11-SERIES Datasheet
291Kb / 2P
   10W Wall Mount Power Supply for I.T. Equipment
logo
Total Power Internation...
TPIPU10 TOTAL-POWER-TPIPU10 Datasheet
237Kb / 2P
   10W wall mount switching power supplies for industrial equipment
logo
Vitec Power
STWA11-SERIES Vitec-STWA11-SERIES Datasheet
288Kb / 2P
   10W Wall Mount Power for I.T. Equipment
STWA11 Vitec-STWA11 Datasheet
288Kb / 2P
   10W Wall Mount Power for I.T. Equipment
SHWA12C Vitec-SHWA12C Datasheet
418Kb / 2P
   12W Wall Mount Power Supply for Medical Equipment
SHWA12C-SERIES Vitec-SHWA12C-SERIES Datasheet
418Kb / 2P
   12W Wall Mount Power Supply for Medical Equipment
PTWA-188-SERIES Vitec-PTWA-188-SERIES Datasheet
297Kb / 2P
   18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
PTWA-183 Vitec-PTWA-183 Datasheet
284Kb / 2P
   18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com