データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EZJZZV270WAK データシート(PDF) 5 Page - Panasonic Semiconductor

部品番号 EZJZZV270WAK
部品情報  Multilayer Varistor for ESD pulse
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270WAK データシート(HTML) 5 Page - Panasonic Semiconductor

  EZJZZV270WAK Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270WAK Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270WAK Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270WAK Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270WAK Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270WAK Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270WAK Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270WAK Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
10–6
10–5
10–4
10–3
10–2
Current (A)
10–1
100
101
102
300
200
100
10
1
Max. Leakage Current
Max. Clamping Voltage
EZJZ□V420□A
EZJZ□V330□A
EZJZ□V270□A
EZJZ□V220□A
EZJZ□V180□A
EZJZ□V120□A
EZJZ□V650□A
10–6
10–5
10–4
10–3
10–2
Current (A)
10–1
100
101
100
10
1
Max. Leakage Current
Max. Clamping Voltage
(Typical curve)
(Typical curve)
EZJP□V270RA
EZJPZV120GA
EZJP□V080□A
EZJP□V6R8□A
EZJPZV150RA
EZJP□V270RA
EZJPZV120GA
EZJP□V080□A
EZJP□V6R8□A
EZJPZV150RA
EZJZ□V420□A
EZJZ□V330□A
EZJZ□V270□A
EZJZ□V220□A
EZJZ□V180□A
EZJZ□V120□A
EZJZ□V650□A
0.1
1
10
100
Frequency (MHz)
1000
10000
330 pF max.
220 pF max.
100 pF max.
47 pF max.
20 pF max.
10000
1
10
100
1000
0.1
1
10
100
Frequency (MHz)
1000
10000
680 pFmax.
330 pFmax.
100 pFmax.
27 pFmax.
20 pFmax.
10000
1
10
100
1000
(Typical curve)
(Typical curve)
10 pFmax.
Frequency (MHz)
20 pF max.
47 pF max.
100 pF max.
220 pF max.
330 pF max.
10
–50
0.1
1
10
100
1000
10000
–60
–40
–30
20
0
–10
Frequency (MHz)
27 pFmax.
20 pFmax.
330 pFmax.
680 pFmax.
100 pFmax.
10
–50
0.1
1
10
100
1000
10000
–60
–40
–30
20
0
–10
(Typical curve)
(Typical curve)
10 pFmax.
EZJZ Series
EZJZ Series
EZJZ Series
Capacitance vs. Frequency
Attenuation vs. Frequency
EZJP Series
EZJP Series
EZJP Series
Voltage vs. Current
Nov. 2016
04


同様の部品番号 - EZJZZV270WAK

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJZZV270WAK PANASONIC-EZJZZV270WAK Datasheet
172Kb / 8P
   Multilayer Varistors
More results

同様の説明 - EZJZZV270WAK

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJS1VB822 PANASONIC-EZJS1VB822 Datasheet
92Kb / 2P
   Multilayer Varistor for ESD pulse [DC voltage lines]
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
logo
Cooper Bussmann, Inc.
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com