データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STDA80-S09 データシート(PDF) 1 Page - Vitec Power

部品番号 STDA80-S09
部品情報  80W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  Vitec [Vitec Power]
ホームページ  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA80-S09 データシート(HTML) 1 Page - Vitec Power

  STDA80-S09 Datasheet HTML 1Page - Vitec Power STDA80-S09 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA80 SERIES
80W Desktop Power Supply for I.T. Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
Active Power Factor Correction
IEC-320-C14 input inlet
Output Voltage Available From 11VDC Thru 48VDC
Single Output
Input Surge Current, Over Voltage, Over Load and Output Voltage Protection.
CEC Level V, Energy Star 2.0,and RoHS compliance
Class I Insulation
2 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
STDA80-S05
11 ~ 13 VDC
7.27 ~ 6.15 A
5%
80W
STDA80-S06
13 ~ 16 VDC
6.15 ~ 5.00 A
5%
80W
STDA80-S07
16 ~ 21 VDC
5.00 ~ 3.80 A
5%
80W
STDA80-S08
21 ~ 27 VDC
3.80 ~ 2.96 A
5%
80W
STDA80-S09
27 ~ 33 VDC
2.96 ~ 2.42 A
5%
80W
STDA80-S10
33 ~ 40 VDC
2.42 ~ 2.00 A
5%
80W
STDA80-S11
40 ~ 48 VDC
2.00 ~ 1.66 A
5%
80W
Total Regulation is conditioned by below configuration
(S05: AWG18/3C+AWG20/2C/ 4FT output cable)
(S06: AWG16/2C/4FT output cable)
(S07: AWG16/2C/6FT output cable)
(S08~S09: AWG18/2C/6FT output cable)
(S10~S11: AWG20/2C/6FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io=Full load, Vin=90~260VAC
0.95
0.97
1.00
Output Power Range
Vin=90 to 264VAC
0
80
W
Input Current (Low Line)
Io=Full load, Vin=110VAC
1.07
A
Input Current (High Line)
Io=Full load, Vin=240VAC
0.5
A
Low Line Inrush Current
Io=Full load, 25°C ,Cool start, Vin=115VAC
42
45
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
88
92
A
Efficiency
Io=Full Load, Vin=230VAC
87
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, Vin=230VAC
0.5
W


同様の部品番号 - STDA80-S09

メーカー部品番号データシート部品情報
logo
Vitec Power
STDA100 Vitec-STDA100 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
STDA100-S05 Vitec-STDA100-S05 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
STDA100-S05 Vitec-STDA100-S05 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
STDA100-S06 Vitec-STDA100-S06 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
STDA100-S06 Vitec-STDA100-S06 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
More results

同様の説明 - STDA80-S09

メーカー部品番号データシート部品情報
logo
Vitec Power
STDA65 Vitec-STDA65 Datasheet
423Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40 Vitec-STDA40 Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
STDA150 Vitec-STDA150 Datasheet
411Kb / 2P
   150W Desktop Power Supply for I.T. Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com