データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC7496L データシート(PDF) 6 Page - First Components International

部品番号 FC7496L
部品情報  FC7496L 2W2W AMPLIFIER WITH DC VOLUME CONTROL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

FC7496L データシート(HTML) 6 Page - First Components International

  FC7496L Datasheet HTML 1Page - First Components International FC7496L Datasheet HTML 2Page - First Components International FC7496L Datasheet HTML 3Page - First Components International FC7496L Datasheet HTML 4Page - First Components International FC7496L Datasheet HTML 5Page - First Components International FC7496L Datasheet HTML 6Page - First Components International FC7496L Datasheet HTML 7Page - First Components International FC7496L Datasheet HTML 8Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
00.51
1.522.53
3.544.55
Vpin # 11 (V)
0
10
20
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
Stand-by Attenuation (dB)
Rl=8 Ohm
0 dB @Pout=1W
St-By Attenuation vs. Vpin 11
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
Vpin # 12 (V)
0
10
20
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
Mute Attenuation (dB)
Rl=8 Ohm
0 dB @Pout=1W
Mute Attenuation vs. Vpin 12
+
-
6K
6K
1K
1K
30K
30K
SVR
20K
20K
VS
VS
VS
OUT L
OUT R
100
µA
PIN: SVR
FC7496L PIN DESCRIPTION
FC7496L 2W+2W AMPLIFIER WITH DC VOLUME CONTROL


同様の部品番号 - FC7496L

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
FC74VHC1G02 FS-FC74VHC1G02 Datasheet
398Kb / 4P
   2?밒nput NOR Gate
FC74VHC1G04 FS-FC74VHC1G04 Datasheet
477Kb / 4P
   Inverter
FC74VHC1G08 FS-FC74VHC1G08 Datasheet
400Kb / 4P
   2-Input AND Gate
FC74VHC1G125 FS-FC74VHC1G125 Datasheet
537Kb / 6P
   Noninverting 3?뭆tate Buffer
FC74VHC1G14 FS-FC74VHC1G14 Datasheet
399Kb / 4P
   Schmitt-Trigger Inverter
More results

同様の説明 - FC7496L

メーカー部品番号データシート部品情報
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
MOSA ELECTRONICS
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
   Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com