データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMDA63 データシート(PDF) 1 Page - Vitec Power

部品番号 SMDA63
部品情報  63W Desk Top Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  Vitec [Vitec Power]
ホームページ  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMDA63 データシート(HTML) 1 Page - Vitec Power

  SMDA63 Datasheet HTML 1Page - Vitec Power SMDA63 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMDA63 SERIES
63W Desk Top Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 input inlet
Output Voltage Available From 5VDC Thru 36VDC
Single Output
Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
Class I Insulation
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Total Regulation
Maximum
Output Power
SMDA63-S02
5 VDC
9.00 A
7%
45W
SMDA63-S03
7 VDC
7.85 A
7%
55W
SMDA63-S04 *
9 VDC
6.44 A
5%
58W
SMDA63-S05 *
12 VDC
5.25 A
5%
63W
SMDA63-S06 *
15 VDC
4.20 A
5%
63W
SMDA63-S07 *
18 VDC
3.50 A
5%
63W
SMDA63-S08 *
24 VDC
2.62 A
3%
63W
SMDA63-S09 *
30 VDC
2.10 A
3%
63W
SMDA63-S10 *
36 VDC
1.75 A
3%
63W
Mark
“*”means approved by CEC level V and the output cable must be using as below.
Total Regulation is guaranteed by below configuration
(
S02, S03: AWG16/5C/4FT output cable)
(
S04, S05: AWG16/2C/4FT output cable)
(
S06, S07: AWG16/2C/4FT output cable)
(
S08~S10: AWG18/2C/6FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input
Frequency
47
63
Hz
Output Power Range
Vin= 90 to 264 VAC
0
63
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
1.62
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
0.72
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
28
38
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230 VAC
45
55
A
Efficiency
Io=Full Load, Vin=230VAC
77
85
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load,
Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0 .5
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC
0.1
mA
No-Load Power Consumption
No load, Vin=240VAC
0.3
0.4
0.5
W
Temperature Coefficient
All output
-0.04
0.04
%/°C


同様の部品番号 - SMDA63

メーカー部品番号データシート部品情報
logo
Vitec Power
SMDA63-S02 Vitec-SMDA63-S02 Datasheet
385Kb / 2P
   63W Desk Top Power Supply for Medical Equipment
SMDA63-S03 Vitec-SMDA63-S03 Datasheet
385Kb / 2P
   63W Desk Top Power Supply for Medical Equipment
SMDA63-S04 Vitec-SMDA63-S04 Datasheet
385Kb / 2P
   63W Desk Top Power Supply for Medical Equipment
SMDA63-S05 Vitec-SMDA63-S05 Datasheet
385Kb / 2P
   63W Desk Top Power Supply for Medical Equipment
SMDA63-S06 Vitec-SMDA63-S06 Datasheet
385Kb / 2P
   63W Desk Top Power Supply for Medical Equipment
More results

同様の説明 - SMDA63

メーカー部品番号データシート部品情報
logo
Vitec Power
SMDA63-SERIES Vitec-SMDA63-SERIES Datasheet
385Kb / 2P
   63W Desk Top Power Supply for Medical Equipment
logo
MPS Industries, Inc.
MPU63 MPSIND-MPU63 Datasheet
231Kb / 2P
   63W Desk Top Swithching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU64 TOTAL-POWER-TPMPU64 Datasheet
251Kb / 2P
   63W Desk Top Type Medical Power Supplies
TPIPU63 TOTAL-POWER-TPIPU63 Datasheet
444Kb / 2P
   63W desk top switching power supplies for industrial equipment
logo
Vitec Power
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63B-SERIES Vitec-SHDA63B-SERIES Datasheet
382Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SMDA60A Vitec-SMDA60A Datasheet
353Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63A Vitec-SHDA63A Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63C Vitec-SHDA63C Datasheet
355Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com