データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F0K08A データシート(PDF) 5 Page - ON Semiconductor

部品番号 LC87F0K08A
部品情報  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0K08A データシート(HTML) 5 Page - ON Semiconductor

  LC87F0K08A Datasheet HTML 1Page - ON Semiconductor LC87F0K08A Datasheet HTML 2Page - ON Semiconductor LC87F0K08A Datasheet HTML 3Page - ON Semiconductor LC87F0K08A Datasheet HTML 4Page - ON Semiconductor LC87F0K08A Datasheet HTML 5Page - ON Semiconductor LC87F0K08A Datasheet HTML 6Page - ON Semiconductor LC87F0K08A Datasheet HTML 7Page - ON Semiconductor LC87F0K08A Datasheet HTML 8Page - ON Semiconductor LC87F0K08A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LC87F0K08A
www.onsemi.com
5
Standby function
HALT mode : Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) There are three ways of releasing the HALT mode.
(1) Setting the reset pin to the low level
(2) System resetting by watchdog timer or low-voltage detection
(3) Occurrence of an interrupt
HOLD mode : Suspends instruction execution and the operation of the peripheral circuits.
1) The RC oscillators automatically stop operation.
2) There are three ways of releasing the HOLD mode.
(1) Setting the reset pin to the low level.
(2) System resetting by watchdog timer or low-voltage detection
(3) Having an interrupt source established at either INT2 or INT4.
On-chip debugger
Supports software debugging with the IC mounted on the target board.
Data security function
Protects the program data stored in flash memory from unauthorized read or copy.
Note : This data security function does not necessarily provide absolute data security.
Development tools
On-chip debugger: TCB87 Type C + LC87F0K08A
Programming board
Package
Programming board
DIP24S
W87F0KD
Flash ROM programmer
Maker
Model
Supported version
Device
ON
Semiconductor
Single/Gang
Programmer
SKK/SKK Type B
(SanyoFWS)
Application version:
1.08 or later
Chip data version:
2.44 or later
LC87F0K08
Gang
Programmer
SKK-4G
(SanyoFWS)
Note : Be sure to check for the latest version.


同様の部品番号 - LC87F0K08A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

同様の説明 - LC87F0K08A

メーカー部品番号データシート部品情報
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com