データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EZJZZV270WAC データシート(PDF) 7 Page - Panasonic Semiconductor

部品番号 EZJZZV270WAC
部品情報  Multilayer Varistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270WAC データシート(HTML) 7 Page - Panasonic Semiconductor

  EZJZZV270WAC Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270WAC Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270WAC Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270WAC Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270WAC Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270WAC Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270WAC Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270WAC Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
· Audio lines
· LCD/Camera lines
· I/O data lines
IEEE1394 lines
USB1.1/2.0 lines
Mobile Phone
HDMI lines
LCD/Camera
controller
I/O
controller
IEEE1394
controller
USB
controller
· LED
· SW/Keyboard
2 mode noise filter
AMP
IC
IC
TMDS
FPC
LCD/Camera
Connector
Connector
Power
IC
VDD
GND
TPA+
TPA–
VDD
GND
HDMI
IC
Clock
Ch : 0
Ch : 1
Ch : 2
D+
D–
TPB+
TPB–
Applications
Series
Circuit
DC 1k
1M
1G (Hz)
Mobile phones, DSC, PC, PDA,
HDD TV (PDP, LC etc.), DVD, DVC,
Game consoles, Audio equipment
Series
EZJZ, P
Ultra low capacitance
(Cap. : 3 pF or less)
DC to GHz
Antenna, RF circuit, LVDS
USB, IEEE1394, HDMI etc.
Low capacitance
(Cap. : 20 to 680 pF)
DC to tens of Hz
PWR, SW, Audio terminals
LCD, RS232C, etc.
PWR, Photoelectronic sensors,
SSR, Motors, Pressure sensors,
Proximity switches
Series
EZJS
High capacitance
(Cap. : 1800 to 22000 pF)
DC to several kHz
PWR, SW, Audio terminals etc.
Applications
Recommended Applications
Nov. 2016
04


同様の部品番号 - EZJZZV270WAC

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJZZV270WAC PANASONIC-EZJZZV270WAC Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
More results

同様の説明 - EZJZZV270WAC

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com