データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA4007M データシート(PDF) 2 Page - First Components International

部品番号 SMA4007M
部品情報  1.0 Amp GLASS PASSIVATED MINIATURE PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

SMA4007M データシート(HTML) 2 Page - First Components International

  SMA4007M Datasheet HTML 1Page - First Components International SMA4007M Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 1 - Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 - Current Derating Curve
0
0.6
1.2
160
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
180
200
Forward Voltage (V)
Fig.2 - Forward Characteristics
0.1 0.3 0.5
0.7
0.9
1.1
1.3
1.5 1.7
1.9 2.1
0.2
0.4
1.0
0.8
Fig. 5 - Non Repetitive Forward
Surge Current
Number of Cycles at 60Hz
1
100
10
0.1
0.01
1
100
10
0.1
0.01
0
10
20
50
40
30
1
5
10
50
1 00
Tj=25 C
Tj=100 C
Tj=25 C
Pulse width 300uS
4% duty cycle
Fig. 3 - Junction Capacitance
Reverse Voltage (V)
0.01
0.1
1.0
10
100
5
0
10
15
35
30
25
20
=1MHz and applied
4VDC reverse voltage
Ambient Temperature ( C)
Single Phase
Half wave 60Hz
Resistive or inductive Load
Tj=25 C
8.3mS Single Half Sine
Wave JEDEC methode
Data Sheet
1.0 Amp GLASS PASSIVATED
MINIATURE PLASTIC SILICON
RECTIFIERS


同様の部品番号 - SMA4007M

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SMA400 SUNMATE-SMA400 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA400A SUNMATE-SMA400A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA400C SUNMATE-SMA400C Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA400CA SUNMATE-SMA400CA Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Shenzhen Bencent Electr...
SMA400W BENCENT-SMA400W Datasheet
159Kb / 5P
   Transient Voltage Suppressor
More results

同様の説明 - SMA4007M

メーカー部品番号データシート部品情報
logo
First Components Intern...
F1A1 FCI-F1A1_1 Datasheet
126Kb / 2P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001_1 Datasheet
132Kb / 2P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
F1A1 FCI-F1A1 Datasheet
152Kb / 2P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001GP TSC-1N4001GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
UF1A TSC-UF1A_1 Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
GP10A TSC-GP10A Datasheet
75Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
logo
First Components Intern...
HER101G FCI-HER101G Datasheet
91Kb / 2P
   1.0 Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Taiwan Semiconductor Co...
EGP10A TSC-EGP10A Datasheet
73Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
UF4001 TSC-UF4001 Datasheet
210Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com