データシートサーチシステム |
|
EZJZZV270AAM データシート(PDF) 1 Page - Panasonic Semiconductor |
|
EZJZZV270AAM データシート(HTML) 1 Page - Panasonic Semiconductor |
1 / 8 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Varistors 5 4 3 2 1 E 1 Z 2 J 3 Z0 4 56789 10 11 12 Z 0 1 V 2 7 0 E Product Code Size Code 0201 0402 0603 V Packaging Style Code The first and second digits denote the first 2 numbers of the varistor voltage and the third digit indicates the number of zeros following. The decimal point denotes in R. Nominal Varitor Voltage 0402, 0603 Paper Taping Z P Series Code EZJZ series EZJP series Design Code Design Code (Example) Below 3 pF, the 10 or 11th position of the P/N indicates the capacitance value as follows : 2.0 pF·····20, 1.5 p·····F15 Nil Cap. Tolerance : max. Cap. Tolerance : ±0.25 pF Cap. Tolerance : ±0.50 pF C D Cap. Tolerance : ±0.1 pF B K Cap. Tolerance : ±10 % M Cap. Tolerance : ±20 % A Capacitance Code 3 pF 20 pF 27 pF 47 pF 56 pF 68 pF A R D E W F 100 pF 150 pF 220 pF 330 pF 680 pF G H J K M L T W L1 L2 No. Name 1 Semiconductive Ceramics 2 Internal electrode 3 Terminal electrode Substrate electrode 4 Intermediate electrode 5 External electrode Size Code Size(inch) L W T L1, L2 Z 0201 0.60±0.03 0.30±0.03 0.30±0.03 0.15±0.05 0 0402 1.00±0.05 0.50±0.05 0.50±0.05 0.2±0.1 1 0603 1.6±0.1 0.8±0.1 0.8±0.1 0.3±0.2 Multilayer Varistor for ESD pulse [DC voltage lines/High speed signal lines] Series: EZJZ, EZJP Explanation of Part Numbers Construction Features ● Excellent ESD suppression due to original advanced material technology ● Having large electrostatic resistance meeting IEC61000-4-2, Level 4 standard ● Having no polarity (bipolar) facilitated replacing Zener Diodes. Capable of replacing 2 Zener Diodes and 1 Capacitor. ● Lead-free plating terminal electrodes enabling great solderability ● Wide range of products is available by adopting multilayer structure, meeting various needs. ● Low capacitance versions for DC voltage lines of high speed busses ● Ultra low capacitance for high speed signal line ● Applicable to high-speed signal lines, such as interfaces (e.g. USB 2.0, IEEE1394, HDMI, and so on), due to our original ultra-low capacitance technology. ● RoHS compliant ■ As for Packaging Methods, Handling Precautions Please see Data Files Dimensions in mm (not to scale) Nov. 2016 04 |
同様の部品番号 - EZJZZV270AAM |
|
同様の説明 - EZJZZV270AAM |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |