データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM4006 データシート(PDF) 6 Page - Formosa MS

部品番号 SM4006
部品情報  MELF General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FORMOSA [Formosa MS]
ホームページ  http://www.formosams.com
Logo FORMOSA - Formosa MS

SM4006 データシート(HTML) 6 Page - Formosa MS

  SM4006 Datasheet HTML 1Page - Formosa MS SM4006 Datasheet HTML 2Page - Formosa MS SM4006 Datasheet HTML 3Page - Formosa MS SM4006 Datasheet HTML 4Page - Formosa MS SM4006 Datasheet HTML 5Page - Formosa MS SM4006 Datasheet HTML 6Page - Formosa MS SM4006 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Reel packing
Page 6
DO-213AB
13"
5000
4.0
10,000
337*337*37
330
350*330*360
80,000
17.0
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
Formosa MS
SM4001 THRU SM4007
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221102
2008/02/10
2010/03/10
C
7
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3
/sec
Preheat
o
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
217 C
-Time(tL)
60~260sec
o
o
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
oC
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
o
o
C
C
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
o
t25 C to Peak
Time
25
TL
TP
Ramp-down
MELF General Purpose Rectifiers


同様の部品番号 - SM4006

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
SM4006 RECTRON-SM4006 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
SM4006 BILIN-SM4006 Datasheet
198Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Shunye Enterprise
SM4006 SHUNYE-SM4006 Datasheet
115Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION
logo
Bytes
SM4006 BYTES-SM4006 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4006 UNIOHM-SM4006 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

同様の説明 - SM4006

メーカー部品番号データシート部品情報
logo
Formosa MS
GL34A FORMOSA-GL34A_17 Datasheet
96Kb / 7P
   MINI-MELF General Purpose Rectifier
logo
Sensitron
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614 Datasheet
79Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com