データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

121MPE273J データシート(PDF) 1 Page - RUBYCON CORPORATION

部品番号 121MPE273J
部品情報  METALLIZED POLYPROPYLENE FILM CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RUBYCON [RUBYCON CORPORATION]
ホームページ  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

121MPE273J データシート(HTML) 1 Page - RUBYCON CORPORATION

  121MPE273J Datasheet HTML 1Page - RUBYCON CORPORATION 121MPE273J Datasheet HTML 2Page - RUBYCON CORPORATION 121MPE273J Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
◆SPECIFICATIONS
±3%(H), ±5%(J)
0.001max at 1kHz
UR×150% 60s
30,000MΩmin
JIS C 5101-17, JIS C 5101-1
800Vdc/250Vac, 1250Vdc/400Vac, 1600Vdc/700Vac
−40∼+105℃
Rated Voltage (UR)
Category Temperature Range
Voltage Proof
Insulation Resistance
Reference Standard
Capacitance Tolerance
tanδ
◆PART NUMBER
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPE
Up the corona discharge characteristics by special electrode construction.
For applications where high frequency and high voltage are like electronic ballast, etc.
Coated with flame-retardant (UL94 V-0) epoxy resin.
SERIES
MPE
◆PERMISSIBLE CURRENT FOR FREQUENCY
◆DIMENSIONS
(mm)
Blank
S7,W7,Q7
TJ,TN
□□□
Rated Voltage
MPE
Series
□□□
Option
□□
Lead Forming
□□□
Capacitance
Capacitance Tolerance
High Voltage
RoHS
compliance
Y7,X7
A max
F
B max
φd±0.05
F
LS
F
LS
P
LS
P0
Frequency
(kHz)
800Vdc
0
1
2
3
4
5
10
100
1000
154
104
473
223
103
472
222
102
Frequency
(kHz)
1250Vdc
0
1
2
3
4
5
10
100
1000
104
473
223
103
472
222
102
Frequency
(kHz)
1600Vdc
0
1
2
3
4
5
10
100
1000
333
223
103
682
472
332
222
102
152


同様の部品番号 - 121MPE273J

メーカー部品番号データシート部品情報
logo
RUBYCON CORPORATION
121MPE273 RUBYCON-121MPE273 Datasheet
79Kb / 4P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results

同様の説明 - 121MPE273J

メーカー部品番号データシート部品情報
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com