データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD300 データシート(PDF) 1 Page - Sirectifier Semiconductors

部品番号 SD300
部品情報  Discrete Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIRECTIFIER [Sirectifier Semiconductors]
ホームページ  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SD300 データシート(HTML) 1 Page - Sirectifier Semiconductors

  SD300 Datasheet HTML 1Page - Sirectifier Semiconductors SD300 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD
SD
0-01NFB / SD
0-01NRB
SD
0-02NFB / SD
0-02NRB
SD
0-04NFB / SD
0-04NRB
SD
0-08NFB / SD
0-08NRB
SD
0-10NFB / SD
0-10NRB
100
200
400
800
1000
1200
1600
100
200
400
800
1000
1200
1600
VRSM
V
VRRM
V
SD
0-12NFB / SD
0-12NRB
SD
0-16NFB / SD
0-16NRB
Discrete Diodes
Dimensions
4800 / 5400
101000
Item
Average Forward Current
Conditions
Ratings
Unit
A
IF(AV)
IF(RMS)
IFSM
R.M.S. Forward Current
Surge Forward Current
Single phase, half wave, 180
。conduction, Tc:92℃
1
2cycle, 50Hz/60Hz, peak value, non-repetitive
A
A
I2t
I2t
Value for one cycle of surge current
A2S
Tj
Junction Temperature
−30 to +150
Tstg
Storage Temperature
−30 to +125
Mounting
Torque
Mounting
(M6)
Terminal
(M8)
Mass
Recommended Value 2.5-3.9
(25-40)
Recommended Value 8.8-10
(90-105)
4.7
(48)
11
(115)
N
・m
(㎏f・B)
g
170
■Electrical Characteristics
Symbol
Single phase, half wave, 180
。conduction, Tc:92℃
300
470
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
at VDRM, single phase, half wave, Tj
=150℃
Ratings
15
1.15
0.2
Unit
mA
VFM
Forward Voltage Drop, max.
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com
SD300-**NFB
SD300-**NRB
Forward current 900A Tj=25 C,Ins.measurement
o
o


同様の部品番号 - SD300

メーカー部品番号データシート部品情報
logo
International Rectifier
SD300 IRF-SD300 Datasheet
208Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD3000C IRF-SD3000C Datasheet
171Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD3000C04K VISHAY-SD3000C04K Datasheet
122Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 14-May-08
SD3000C04K VISHAY-SD3000C04K Datasheet
135Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 14-May-08
SD3000C04K VISHAY-SD3000C04K_12 Datasheet
135Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 14-May-08
More results

同様の説明 - SD300

メーカー部品番号データシート部品情報
logo
Sirectifier Semiconduct...
SD30 SIRECTIFIER-SD30 Datasheet
202Kb / 2P
   Discrete Diodes
SDD25 SIRECTIFIER-SDD25 Datasheet
75Kb / 1P
   Discrete Diodes
SD250 SIRECTIFIER-SD250 Datasheet
180Kb / 2P
   Discrete Diodes
SD45 SIRECTIFIER-SD45 Datasheet
109Kb / 2P
   Discrete Diodes
SDD10 SIRECTIFIER-SDD10 Datasheet
127Kb / 1P
   Discrete Diodes
SD10 SIRECTIFIER-SD10 Datasheet
225Kb / 2P
   Discrete Diodes
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
   Discrete Diodes
SD20 SIRECTIFIER-SD20 Datasheet
217Kb / 2P
   Discrete Diodes
SD30 SIRECTIFIER-SD30_16 Datasheet
212Kb / 2P
   Discrete Diodes
logo
International Rectifier
SD103R IRF-SD103R Datasheet
416Kb / 10P
   DISCRETE POWER DIODES and THYRISTORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com