データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYM36C データシート(PDF) 1 Page - Vishay Siliconix

部品番号 BYM36C
部品情報  Fast Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM36C データシート(HTML) 1 Page - Vishay Siliconix

  BYM36C Datasheet HTML 1Page - Vishay Siliconix BYM36C Datasheet HTML 2Page - Vishay Siliconix BYM36C Datasheet HTML 3Page - Vishay Siliconix BYM36C Datasheet HTML 4Page - Vishay Siliconix BYM36C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
BYM36
Document Number 86012
Rev. 1.6, 12-Aug-04
Vishay Semiconductors
www.vishay.com
1
949588
Fast Avalanche Sinterglass Diode
Features
• Glass passivated
• Hermetically sealed package
• Very low switching losses
• Low reverse current
• High reverse voltage
Applications
Switched mode power supplies
High-frequency inverter circuits
Mechanical Data
Case: SOD-64 Sintered glass case
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: approx. 858 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Package
BYM36A
VR = 200 V; IFAV = 3 A
SOD-64
BYM36B
VR = 400 V; IFAV = 3 A
SOD-64
BYM36C
VR = 600 V; IFAV = 3 A
SOD-64
BYM36D
VR = 800 V; IFAV = 2.9 A
SOD-64
BYM36E
VR = 1000 V; IFAV = 2.9 A
SOD-64
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage = Repetitive
peak reverse voltage
see electrical characteristics
BYM36A
VR = VRRM
200
V
BYM36B
VR = VRRM
400
V
BYM36C
VR = VRRM
600
V
BYM36D
VR = VRRM
800
V
BYM36E
VR = VRRM
1000
V
Peak forward surge current
tp = 10 ms, half sinewave
IFSM
65
A
Average forward current
BYM36A-BYM36C
IFAV
3A
BYM36D-BYM36E
IFAV
2.9
A
Non repetitive reverse
avalanche energy
I(BR)R = 1 A, inductive load
ER
20
mJ
Junction and storage
temperature range
Tj = Tstg
- 55 to + 175
°C


同様の部品番号 - BYM36C

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYM36C PHILIPS-BYM36C Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Galaxy Semi-Conductor H...
BYM36C BILIN-BYM36C Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
BYM36C GULFSEMI-BYM36C Datasheet
76Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
logo
Vishay Siliconix
BYM36C VISHAY-BYM36C Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BYM36C LUGUANG-BYM36C Datasheet
172Kb / 2P
   Fast Recovery Rectifiers
More results

同様の説明 - BYM36C

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com