データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC38RF90 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC38RF90
部品情報  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF90 データシート(HTML) 7 Page - Texas Instruments

Back Button DAC38RF90 Datasheet HTML 3Page - Texas Instruments DAC38RF90 Datasheet HTML 4Page - Texas Instruments DAC38RF90 Datasheet HTML 5Page - Texas Instruments DAC38RF90 Datasheet HTML 6Page - Texas Instruments DAC38RF90 Datasheet HTML 7Page - Texas Instruments DAC38RF90 Datasheet HTML 8Page - Texas Instruments DAC38RF90 Datasheet HTML 9Page - Texas Instruments DAC38RF90 Datasheet HTML 10Page - Texas Instruments DAC38RF90 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 155 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
12 DACCLKSE
VSSCLK
AGND
VOUT2+
VOUT2-
AGND
VDDOUT18
VDDOUT18
AGND
VOUT1-
VOUT1+
AGND
12
11
VSSCLK
VSSCLK
AGND
AGND
AGND
VDDA1
VDDA18
VDDA18
VDDA1
AGND
AGND
AGND
11
10
DACCLK+
VDDAPLL18
EXTIO
VEE18N
VEE18N
VSSCLK
VDDL2_1
VDDL2_1
VSSCLK
VEE18N
VEE18N
SDIO
10
9
DACCLK-
VDDAPLL18
RBIAS
VDDAVCO18 VDDAVCO18
VSSCLK
VDDCLK1
VDDCLK1
VSSCLK
RESET\
SCLK
SDO
9
8
VSSCLK
VSSCLK
ATEST
VDDPLL1
VDDPLL1
VSSCLK
VDDL1_1
VDDL1_1
VSSCLK
ALARM
SLEEP
SDEN\
8
7
CLKTX+
VDDTX18
SYNC1\+
VDDDIG1
DGND
VDDE1
DGND
VDDE1
DGND
GPI0
GPO0
GPI1
7
6
CLKTX-
VDDTX1
SYNC1\-
DGND
VDDDIG1
DGND
VDDE1
DGND
VDDE1
TXENABLE
GPO1
DGND
6
5
VDDDIG1
VDDDIG1
VDDDIG1
VDDDIG1
VDDDIG1
VDDDIG1
VDDDIG1
VDDIO18
TRST\
TMS
DGND
RX3+
5
4
SYSREF-
VDDS18
SYNC0\+
VSENSE
VDDDIG1
VDDDIG1
VDDDIG1
TDI
TDO
TCLK
DGND
RX3-
4
3
SYSREF+
VDDS18
SYNC0\-
IFORCE
VDDDIG1
AMUX1
AMUX0
VDDT1
VDDT1
TESTMODE
DGND
RX2-
3
2
DGND
DGND
DGND
DGND
DGND
DGND
DGND
VDDR18
VDDR18
DGND
DGND
RX2+
2
1
RX7+
RX7-
RX6-
RX6+
RX5+
RX5-
RX4-
RX4+
RX0+
RX0-
RX1-
RX1+
1
A
B
C
D
E
F
G
H
J
K
L
M
7
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
DAC38RF83, DAC38RF93, DAC38RF85 AAV Package 144-Pin (FCBGA)
144-Pin FCBGA
Top View


同様の部品番号 - DAC38RF90

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC38RF90 TI1-DAC38RF90 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF90 TI1-DAC38RF90 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF90IAAV TI1-DAC38RF90IAAV Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF90IAAVR TI1-DAC38RF90IAAVR Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
More results

同様の説明 - DAC38RF90

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com