データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM339-MIL データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM339-MIL
部品情報  Low-Power Low-Offset Voltage Quad Comparator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM339-MIL データシート(HTML) 6 Page - Texas Instruments

Back Button LM339-MIL Datasheet HTML 2Page - Texas Instruments LM339-MIL Datasheet HTML 3Page - Texas Instruments LM339-MIL Datasheet HTML 4Page - Texas Instruments LM339-MIL Datasheet HTML 5Page - Texas Instruments LM339-MIL Datasheet HTML 6Page - Texas Instruments LM339-MIL Datasheet HTML 7Page - Texas Instruments LM339-MIL Datasheet HTML 8Page - Texas Instruments LM339-MIL Datasheet HTML 9Page - Texas Instruments LM339-MIL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
LM339-MIL
SNOSD54 – JUNE 2017
www.ti.com
Product Folder Links: LM339-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(2)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end
of the common-mode voltage range is V+
−1.5 V at 25°C, but either or both inputs can go to 30 VDC without damage, independent of the
magnitude of V+.
(3)
The response time specified is a 100-mV input step with 5-mV overdrive. For larger overdrive signals 300 ns can be obtained, see
typical performance characteristics section.
(4)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3 VDC (or 0.3 VDCbelow
the magnitude of the negative power supply, if used) (at 25°C).
6.5 Electrical Characteristics
(V+ = 5 VDC, TA = 25°C, unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage
At output switch point, VO ≃ 1.4 VDC, RS = 0 Ω with V+
from 5 VDC to 30 VDC; and over the full input common-
mode range (0 VDC to V+ −1.5 VDC), at 25°C.
2
5
mVDC
At output switch point, VO ≃ 1.4 VDC, RS = 0 Ω with V+
from 5 VDC to 30 VDC; and over the full input common-
mode range (0 VDC to V+ −1.5 VDC), at 25°C, 0°C ≤
TA ≤ 70°C
9
Input bias current(1)
IIN(+) or IIN(−) with output in linear range, VCM = 0 V
25
250
nADC
IIN(+) or IIN(−) with output in linear range, VCM = 0 V,
0°C
≤ TA ≤ 70°C
400
Input offset current
IIN(+)− IIN(−), VCM = 0 V
5
50
nADC
IIN(+)− IIN(−), VCM = 0 V, 0°C ≤ TA ≤ 70°C
150
Input common-mode voltage
range(2)
V+ = 30 VDC
0
V+
− 1.5
VDC
V+ = 30 VDC, 0°C ≤ TA ≤ 70°C
V+ – 2
Supply current
RL = ∞ on all comparators
0.8
2
mADC
RL = ∞, V+ = 36 V
1
2.5
mADC
Voltage gain
RL ≥ 15 kΩ, V+ = 15 VDC, VO = 1 VDC to 11 VDC
50
200
V/mV
Large signal response time
VIN = TTL logic swing, VREF = 1.4 VDC, VRL = 5 VDC,
RL = 5.1 kΩ
300
ns
Response time(3)
VRL = 5 VDC, RL = 5.1 kΩ
1.3
μs
Output sink current
VIN(−)= 1 VDC, VIN(+) = 0, VO ≤ 1.5 VDC
6
16
mADC
Saturation voltage
VIN(−) = 1 VDC, VIN(+) = 0, ISINK ≤ 4 mA
250
400
mVDC
VIN(−) = 1 VDC, VIN(+) = 0, ISINK ≤ 4 mA,
0°C
≤ TA ≤ 70°C
700
Output leakage current
VIN(+) = 1 VDC,VIN(−) = 0, VO = 5 VDC
0.1
nADC
VIN(+) = 1 VDC, VIN(−) = 0, VO = 30 VDC,
0°C
≤ TA ≤ 70°C
1
µADC
Differential input voltage(4)
Keep all VINs ≥ 0 VDC (or V–, if used),
0°C
≤ TA ≤ 70°C
36
VDC


同様の部品番号 - LM339-MIL

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LM339-D14-T UTC-LM339-D14-T Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
LM339-D14-T UTC-LM339-D14-T Datasheet
176Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM339-N TI1-LM339-N Datasheet
1Mb / 31P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM339-N TI1-LM339-N Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
logo
Unisonic Technologies
LM339-P14-R UTC-LM339-P14-R Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
More results

同様の説明 - LM339-MIL

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331_09 Datasheet
774Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331_10 Datasheet
708Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
   Low power quad voltage comparator
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
   Low power quad voltage comparator
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
   Low-power quad voltage comparator
logo
BCD Semiconductor Manuf...
AZ339 BCDSEMI-AZ339_06 Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339 BCDSEMI-AS339 Datasheet
169Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com