データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES07D データシート(PDF) 1 Page - General Semiconductor

部品番号 ES07D
部品情報  Small Surface Mount Ultrafast Rectifiers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GE [General Semiconductor]
ホームページ  http://www.vishay.com
Logo GE - General Semiconductor

ES07D データシート(HTML) 1 Page - General Semiconductor

  ES07D Datasheet HTML 1Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• High temperature soldering:
250
°C/10 seconds at terminals
Maximum Ratings and Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
ES07B
ES07D
Unit
Device marking code
EB
ED
Maximum repetitive peak reverse voltage
VRRM
100
200
V
Maximum RMS voltage
VRMS
70
140
V
Maximum DC blocking voltage
VDC
100
200
V
Maximum average forward rectified current
IF(AV)
0.7
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
30
A
TL = 25°C
Typical thermal resistance (on ceramic substrate)
R
θJA
55
(on epoxy substrate)
120
°C/W
Operating junction and storage temperature range
TJ, TSTG
– 55 to +125
°C
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximum instantaneous forward voltage at 1.0A
VF
0.98
V
Maximum DC reverse current
TA = 25°C
10
µA
at Rated DC blocking voltage
TA = 100°C
IR
50
mA
Typical reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A
trr
25
ns
Typical capacitance at 4V, 1 MHZ
CJ
TBD
pf
Mechanical Data
Case: SMF Plastic Case
Polarity: Color band denotes cathode end
Weight: approx. 0.01g
Packaging codes/options: TBD
ES07B thru ES07D
Small Surface Mount Ultrafast Rectifiers
Forward Current 0.7A
Reverse Voltage 100 to 200V
Detail Z
enlarged
0.00 – 0.10
Top View
1.0
± 0.2
1.8
± 0.1
2.8
± 0.1
0.98
± 0.1
0.16
3.7
± 0.2
0.81
± 0.15
5
°
5
°
Z
Mounting Pad Layout
11/6/00
DO-219 (SMF)
Preliminar
y
Patented
1.6
1.2
1.2
Dimensions in
millimeters


同様の部品番号 - ES07D

メーカー部品番号データシート部品情報
logo
Galaxy Semi-Conductor H...
ES07D BILIN-ES07D Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
ES07D VISHAY-ES07D Datasheet
137Kb / 6P
   Small Surface Mount Ultrafast Diodes
Rev. 1.7, 13-Apr-05
ES07D VISHAY-ES07D Datasheet
80Kb / 5P
   Small Surface Mount Ultrafast Diodes
Rev. 1.9, 20-Aug-10
logo
Shenzhen Taychipst Elec...
ES07D TAYCHIPST-ES07D Datasheet
1Mb / 2P
   Small Surface Mount Ultrafast Diodes
logo
Shenzhen Luguang Electr...
ES07D LUGUANG-ES07D Datasheet
207Kb / 3P
   Surface Mount Rectifiers
More results

同様の説明 - ES07D

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
MURA105 EIC-MURA105 Datasheet
43Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
UH1B VISHAY-UH1B Datasheet
106Kb / 5P
   Surface Mount Ultrafast Rectifiers
Revision: 12-Jun-08
logo
EIC discrete Semiconduc...
MURA160 EIC-MURA160 Datasheet
43Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
Yea Shin Technology Co....
U1A YEASHIN-U1A Datasheet
56Kb / 2P
   Surface Mount Ultrafast Rectifiers
logo
Vishay Siliconix
MUH1PB VISHAY-MUH1PB_V01 Datasheet
94Kb / 4P
   Surface Mount Ultrafast Rectifiers
02-Oct-12
logo
Taiwan Semiconductor Co...
TPUH6D TSC-TPUH6D Datasheet
381Kb / 4P
   Surface Mount Ultrafast Rectifiers
logo
SynSemi, Inc.
MURA105 SYNSEMI-MURA105 Datasheet
39Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
Shenzhen Taychipst Elec...
UH1A TAYCHIPST-UH1A Datasheet
3Mb / 2P
   Surface Mount Ultrafast Rectifiers
US2AA TAYCHIPST-US2AA Datasheet
3Mb / 2P
   Surface Mount Ultrafast Rectifiers
logo
Vishay Siliconix
MUH1PB VISHAY-MUH1PB Datasheet
94Kb / 4P
   Surface Mount Ultrafast Rectifiers
Revision: 19-Apr-11
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com