データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3X データシート(PDF) 7 Page - Texas Instruments

部品番号 TDA3X
部品情報  TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3X データシート(HTML) 7 Page - Texas Instruments

Back Button TDA3X Datasheet HTML 3Page - Texas Instruments TDA3X Datasheet HTML 4Page - Texas Instruments TDA3X Datasheet HTML 5Page - Texas Instruments TDA3X Datasheet HTML 6Page - Texas Instruments TDA3X Datasheet HTML 7Page - Texas Instruments TDA3X Datasheet HTML 8Page - Texas Instruments TDA3X Datasheet HTML 9Page - Texas Instruments TDA3X Datasheet HTML 10Page - Texas Instruments TDA3X Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 256 page
background image
7
TDA3MV, TDA3MA
TDA3LX, TDA3LA
www.ti.com
SPRS964C – JUNE 2016 – REVISED JULY 2017
Submit Documentation Feedback
Product Folder Links: TDA3MV TDA3MA TDA3LX TDA3LA
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
Table 3-1. Device Comparison(2) (continued)
Features
Device
TDA3MVx
TDA3MAx
TDA3LXx
TDA3LAx
Multichannel Audio Serial Port
(McASP)
McASP1
16 serializers
16
serializers
16 serializers
16
serializers
McASP2
6 serializers
6 serializers
6 serializers
6 serializers
McASP3
6 serializers
6 serializers
6 serializers
6 serializers
MultiMedia Card/Secure
Digital/Secure Digital Input Output
Interface (MMC/SD/SDIO)
MMC
1x SDIO 4b
1x SDIO 4b
1x SDIO 4b
1x SDIO 4b
Multichannel Serial Peripheral
Interface (McSPI)
McSPI
4
4
4
4
Quad SPI (QSPI)
QSPI
Yes
Yes
Yes
Yes
Spinlock Module
SPINLOCK
Yes
Yes
Yes
Yes
Timers, General-Purpose
TIMER
8
8
8
8
Dual Clock Comparators (DCC)
DCC
7
7
7
7
Pulse-Width Modulation Subsystem
(PWMSS)
PWMSS1
Yes
Yes
Yes
Yes
Universal Asynchronous
Receiver/Transmitter (UART)
UART
3
3
3
3
Memory Cyclic Redundancy Check
(CRC)
CRC
Yes
Yes
Yes
Yes
TESOC (LBIST/PBIST)
LBIST/PBIST
Yes
Yes
Yes
Yes
Error Signaling Module (ESM)
ESM
Yes
Yes
Yes
Yes
Real Time Interrupt (RTI)
RTI
5
5
5
5
(1) Wide Dynamic Range and Lens Distortion Correction.
(2) Listed devices are a sample of devices available in TDA3x family. The device name decoder can provide the details of individual part
number. Please contact local sales for other devices in TDA3x family.
(3) Device supports FD (Flexible Data Rate) as an optional feature if the part number is designated with the “F” option.
(4) For more details about the CTRL_WKUP_STD_FUSE_DIE_ID_2 register and Base PN bitfield, see the TDA3x Technical Reference
Manual.


同様の部品番号 - TDA3X

メーカー部品番号データシート部品情報
logo
Texas Instruments
TDA3X TI1-TDA3X Datasheet
93Kb / 6P
[Old version datasheet]   TDA3x SoC Processors for Advanced Driver Assist Systems (ADAS) Technical Brief
TDA3X TI1-TDA3X Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3X TI1-TDA3X Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3X TI1-TDA3X Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3X TI1-TDA3X Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results

同様の説明 - TDA3X

メーカー部品番号データシート部品情報
logo
Texas Instruments
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com