データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMG2G400US60 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FMG2G400US60
部品情報  Molding Type Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMG2G400US60 データシート(HTML) 1 Page - Fairchild Semiconductor

  FMG2G400US60 Datasheet HTML 1Page - Fairchild Semiconductor FMG2G400US60 Datasheet HTML 2Page - Fairchild Semiconductor FMG2G400US60 Datasheet HTML 3Page - Fairchild Semiconductor FMG2G400US60 Datasheet HTML 4Page - Fairchild Semiconductor FMG2G400US60 Datasheet HTML 5Page - Fairchild Semiconductor FMG2G400US60 Datasheet HTML 6Page - Fairchild Semiconductor FMG2G400US60 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2003 Fairchild Semiconductor Corporation
FMG2G400US60 Rev. A
IGBT
FMG2G400US60
Molding Type Module
General Description
Fairchild IGBT Power Module provides low conduction and
switching losses as well as short circuit ruggedness. It’s
designed for the applications such as motor control,
uninterrupted power supplies (UPS) and general inverters
where short-circuit ruggedness is required.
Features
• Short Circuit Rated Time; 10us @ TC =100°C, VGE = 15V
• High Speed Switching
• Low Saturation Voltage : VCE(sat) = 2.1 V @ IC = 400A
• High Input Impedance
• Fast & Soft Anti-Parallel FWD
• UL Certified No.E209204
Application
• AC & DC Motor Controls
• General Purpose Inverters
• Robotics
• Servo Controls
•UPS
Internal Circuit Diagram
C1
E2
G1
E1
G2
E2
E1/C2
Package Code : 7PM-IA
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Symbol
Description
FMG2G400US60
Units
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 80°C
400
A
ICM (1)
Pulsed Collector Current
800
A
IF
Diode Continuous Forward Current
@ TC = 80°C
400
A
IFM
Diode Maximum Forward Current
800
A
PD
Maximum Power Dissipation
@ TC = 25°C
1136
W
TSC
Short Circuit Withstand Time
@ TC = 100°C10
us
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +125
°C
VISO
Isolation Voltage
@ AC 1minute
2500
V
Mounting Torque
Power Terminal Screw : M6
4.0
N.m
Mounting Screw : M6
4.0
N.m


同様の部品番号 - FMG2G400US60

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
More results

同様の説明 - FMG2G400US60

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FM2G300US60 FAIRCHILD-FM2G300US60 Datasheet
696Kb / 9P
   Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com