データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD2E001DRYRG4 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD2E001DRYRG4
部品情報  Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E001DRYRG4 データシート(HTML) 3 Page - Texas Instruments

  TPD2E001DRYRG4 Datasheet HTML 1Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 2Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 3Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 4Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 5Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 6Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 7Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 8Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
IO2
GND
IO1
V
CC
2
3
4
1
GND
V
CC
N.C.
IO1
IO2
2
3
4
5
1
GND
V
CC
N.C.
IO1
IO2
N.C.
GND
4
5
6
3
2
1
IO1
N.C.
N.C.
IO2
GND
V
CC
3
2
6
5
4
1
3
TPD2E001
www.ti.com
SLLS684I – JULY 2006 – REVISED MARCH 2016
Product Folder Links: TPD2E001
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRY Package
6-Pin USON
Top View
N.C. – Not internally connected
DRL Package
5-Pin SOT
Top View
N.C. – Not internally connected
DRS Package
6-Pin WSON
Top View
N.C. – Not internally connected
DZD Package
4-Pin SOP
Top View
Pin Functions
PIN
DESCRIPTION
NAME
DRY
NO.
DRL
NO.
DRS
NO.
DZD
NO.
EP
EP
Exposed pad. Connect to GND.
GND
4
4
4
1
Ground
IOx
3, 6
3, 5
3, 6
2, 3
ESD-protected channel
N.C.
2, 5
2
2, 5
No connection. Not internally connected.
VCC
1
1
1
4
Power-supply input. Bypass VCC to GND with a 0.1-μF ceramic capacitor.


同様の部品番号 - TPD2E001DRYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2E001DRYRG4 TI-TPD2E001DRYRG4 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRYRG4 TI-TPD2E001DRYRG4 Datasheet
1Mb / 19P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRYRG4 TI1-TPD2E001DRYRG4 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

同様の説明 - TPD2E001DRYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
logo
TECH PUBLIC Electronics...
TPESD2102X5 TECHPUBLIC-TPESD2102X5 Datasheet
1Mb / 5P
   Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
TPD2E001DRLR TECHPUBLIC-TPD2E001DRLR Datasheet
2Mb / 5P
   Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
logo
AMAZING Microelectronic...
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com