データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD2E001-Q1 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD2E001-Q1
部品情報  Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E001-Q1 データシート(HTML) 7 Page - Texas Instruments

Back Button TPD2E001-Q1 Datasheet HTML 3Page - Texas Instruments TPD2E001-Q1 Datasheet HTML 4Page - Texas Instruments TPD2E001-Q1 Datasheet HTML 5Page - Texas Instruments TPD2E001-Q1 Datasheet HTML 6Page - Texas Instruments TPD2E001-Q1 Datasheet HTML 7Page - Texas Instruments TPD2E001-Q1 Datasheet HTML 8Page - Texas Instruments TPD2E001-Q1 Datasheet HTML 9Page - Texas Instruments TPD2E001-Q1 Datasheet HTML 10Page - Texas Instruments TPD2E001-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
0.1 µF
USB
Controller
R
T
R
T
V
BUS
D+
D–
GND
GND
IO2
D1
IO1
V
CC
7
TPD2E001
www.ti.com
SLLS684I – JULY 2006 – REVISED MARCH 2016
Product Folder Links: TPD2E001
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
TPD2E001 is a diode array type Transient Voltage Suppressor (TVS) which is typically used to provide a path to
ground for dissipating ESD events on hi-speed signal lines between a human interface connector and a system.
As the current from ESD passes through the TVS, only a small voltage drop is present across the diode. This is
the voltage presented to the protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a
tolerable level to the protected IC.
8.2 Typical Application
Figure 5. Typical USB Application Diagram
8.2.1 Design Requirements
For this design example, a single TPD2E001 is used to protect all pins of a USB 2.0 connector.
Given the USB application, Table 1 shows the Design Parameters:
Table 1. Design Parameters
DESIGN PARAMETER
VALUE
Signal range on IO1, and IO2
0 V to 5 V
Signal voltage range on VCC
0 V to 5 V
Operating frequency
240 MHz
8.2.2 Detailed Design Procedure
To begin the design process, some parameters must be decided upon; the designer needs to know the following:
Signal voltage range on all the protected lines
Operating frequency
The VCC pin can be connected in two different ways:
1. If the VCC pin is connected to the system power supply, the TPD2E001 works as a transient suppressor for
any signal swing above VCC + VF. A 0.1-μF capacitor on the device VCC pin is recommended for ESD


同様の部品番号 - TPD2E001-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2E001-Q1 TI1-TPD2E001-Q1 Datasheet
383Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

同様の説明 - TPD2E001-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
logo
TECH PUBLIC Electronics...
TPESD2102X5 TECHPUBLIC-TPESD2102X5 Datasheet
1Mb / 5P
   Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
TPD2E001DRLR TECHPUBLIC-TPD2E001DRLR Datasheet
2Mb / 5P
   Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
logo
AMAZING Microelectronic...
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com