データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI106-150 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SI106-150
部品情報  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SI106-150 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SI106-150 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L
DCR
I
PART NO.
(uH)
( ) MAX
(Adc)
RATED
SI106 - 100
10
0.06
2.60
SI106 - 120
12
0.07
2.45
SI106 - 150
15
0.08
2.27
SI106 - 180
18
0.09
2.15
SI106 - 220
22
0.10
1.95
SI106 - 270
27
0.11
1.76
SI106 - 330
33
0.12
1.50
SI106 - 390
39
0.14
1.37
SI106 - 470
47
0.17
1.28
SI106 - 560
56
0.19
1.17
SI106 - 680
68
0.22
1.11
SI106 - 820
82
0.25
1.00
SI106 - 101
100
0.35
0.97
SI106 - 121
120
0.40
0.89
SI106 - 151
150
0.47
0.78
SI106 - 181
180
0.63
0.72
SI106 - 221
220
0.73
0.66
SI106 - 271
270
0.97
0.57
SI106 - 331
330
1.15
0.52
SI106 - 391
390
1.30
0.48
SI106 - 471
470
1.48
0.42
SI106 - 561
560
1.90
0.33
SI106 - 681
680
2.25
0.28
SI106 - 821
820
2.55
0.24
Tolerance of inductance
10~820uH 10%
I
: rated current. L<10%, T<45
at I
Operating temperature: -20
to 105
(including self-temperature rise)
o
Test condition at 25 C: 1KHz, 1V
oC
oo
CC
RATED
RATED
SMT Power Inductor
SI106 Type
Features
10.0
9.0
0.2
5.4
0.5
10.6
1.8
2.0
0 . 2
Low profile (5.9mm max. height) SMD type.
Unshielded.
Self-leads, suitable for high density
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
custom inductors are available to meet your exact requirements.
mounting.
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
9
Recommended Pad
0.00
0.01
0.10
1.00
10.00
CURRENT (A)
1.00
10.00
100.00
1000.00
100
120
150
180
220
270
330
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
390
Mechanical Dimension: Unit: mm
Electrical Characteristics:
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com


同様の部品番号 - SI106-150

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
SI106-150K DELTA-SI106-150K Datasheet
88Kb / 1P
   SMT Power Inductor
More results

同様の説明 - SI106-150

メーカー部品番号データシート部品情報
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com