データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6801DQ データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI6801DQ
部品情報  SPICE Device Model Si6801DQ
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6801DQ データシート(HTML) 2 Page - Vishay Siliconix

  SI6801DQ Datasheet HTML 1Page - Vishay Siliconix SI6801DQ Datasheet HTML 2Page - Vishay Siliconix SI6801DQ Datasheet HTML 3Page - Vishay Siliconix SI6801DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPICE Device Model Si6801DQ
Vishay Siliconix
www.vishay.com
Document Number: 71023
2
22-May-04
SPECIFICATIONS (TJ = 25
°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Typical
Unit
Static
VDS = V, VGS, ID = 250
µA
N-Ch
1.02
Gate Threshold Voltage
VGS(th)
VDS = V, VGS, ID =
−250 µA
P-Ch
1.15
V
VDS 5 V, VGS = 4.5 V
N-Ch
23
On-State Drain Current
a
ID(on)
VDS =
−5 V, V
GS =
−4.5 V
P-Ch
18
A
VGS = 4.5 V, ID = 1.9 A
N-Ch
0.112
VGS =
−4.5 V, I
D =
−1.7 A
P-Ch
0.154
VGS = 3 V, ID = 1.5 A
N-Ch
0.149
Drain-Source On-State Resistance
a
rDS(on)
VGS =
−3 V, I
D =
−1.3 A
P-Ch
0.217
VDS = 15 V, ID = 1.9 A
N-Ch
5
Forward Transconductance
a
gfs
VDS =
−15 V, I
D =
−1.7 A
P-Ch
4.1
S
IS = 1 A, VGS = 0 V
N-Ch
0.77
Diode Forward Voltage
a
VSD
IS =
−1 V, V
GS = 0 V
P-Ch
−0.77
V
Dynamic
b
N-Ch
1.6
Total Gate Charge
Qg
P-Ch
3
N-Ch
0.41
Gate-Source Charge
Qgs
P-Ch
0.76
N-Ch
0.26
Gate-Drain Charge
Qgd
N-Channel
VDS = 3.5 V, VGS = 4.5 V, ID = 0.3 A
P-Channel
VDS =
−3.5 V, V
GS =
−4.5 V, I
D =
−0.3 A
P-Ch
0.70
nC
N-Ch
5.2
Turn-On Delay Time
td(on)
P-Ch
6
N-Ch
6.2
Rise Time
tr
P-Ch
10
N-Ch
9
Turn-Off Delay Time
td(off)
P-Ch
11
N-Ch
15
Fall Time
tf
N-Channel
VDD = 3.5 V, RL = 11.5
ID
≅ 0.3 A, V
GEN = 4.5 V, RG = 6
P-Channel
VDD =
−3.5 V, R
L = 11.5
ID
≅ −0.3 A, V
GEN =
−4.5 V, R
G = 6
P-Ch
22
IF = 1 A, di/dt = 100 A/
µs
N-Ch
31
Source-Drain Reverse Recovery Time
trr
IF =
−1 A, di/dt = 100 A/µs
P-Ch
30
ns
Notes
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
Documents
PDF
Complete
Click Here & Upgrade
Expanded Features
Unlimited Pages


同様の部品番号 - SI6801DQ

メーカー部品番号データシート部品情報
logo
NTE Electronics
SI6800M100 NTE-SI6800M100 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI6800M16 NTE-SI6800M16 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI6800M160 NTE-SI6800M160 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI6800M200 NTE-SI6800M200 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI6800M25 NTE-SI6800M25 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
More results

同様の説明 - SI6801DQ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9936BDY VISHAY-SI9936BDY Datasheet
179Kb / 3P
   SPICE Device Model Si9936BDY
02-Jun-04
SI7446DP VISHAY-SI7446DP Datasheet
186Kb / 3P
   SPICE Device Model Si7446DP
24-May-04
SI4922DY VISHAY-SI4922DY Datasheet
195Kb / 3P
   SPICE Device Model Si4922DY
16-Apr-01
SUD15N15-95 VISHAY-SUD15N15-95 Datasheet
180Kb / 3P
   SPICE Device Model SUD15N15-95
05-Jun-04
SUM50N03 VISHAY-SUM50N03 Datasheet
184Kb / 3P
   SPICE Device Model SUM50N03-13LC
09-Jun-04
logo
Voltage Multipliers Inc...
Z50FF5 VMI-Z50FF5 Datasheet
39Kb / 1P
   Spice Model
Z100UF VMI-Z100UF Datasheet
28Kb / 1P
   Spice Model
M160FF3 VMI-M160FF3 Datasheet
125Kb / 1P
   Spice Model
M160SG VMI-M160SG Datasheet
124Kb / 1P
   Spice Model
M160UFG VMI-M160UFG Datasheet
125Kb / 1P
   Spice Model
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com